Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 367 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 367 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 363Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 364Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 365Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 366Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 371Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 716 page
background image
Chapter 10 PCI Controller
10-91
10.4.60 PDMAC PCI Bus Address Register (PDMPA)
0xD210
63
48
Reserved
: Type
: Initial value
47
38
39
32
Reserved
PDMPA[39:32]
R/W
: Type
Undefined
: Initial value
31
16
PDMPA[31:16]
R/W
: Type
Undefined
: Initial value
15
2
1
0
PDMPA[15:2]
Reserved
R/W
: Type
Undefined
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
63:38
Reserved
⎯
39:2
PDMPA
PCI Bus Address
PDMAC PCI-Bus Address (Default is undefined)
The PCI Bus DMA transfer address is specified by a PCI Bus physical
address on a 32-bit address boundary. This register value is held without
being affected by a Reset.
Note: This register value is used for PCI Bus Write access during DMA
transfer from the G-Bus to the PCI Bus, or it is used for PCI Bus
Read access during DMA transfer from the PCI Bus to the G-Bus.
R/W
1:0
Reserved
⎯
Figure 10.4.58 PCI Bus Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com