Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 371 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 371 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 373Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 375Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 716 page
background image
Chapter 10 PCI Controller
10-95
10.4.63 PDMAC Status Register (PDMSTATUS)
0xD228
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
30
29
24
23
20
19
18
17
16
Reserved
REQCNT
FIFOCNT
FIFOWP
FIFORP
R
R
R
R
: Type
0x00
0x0
0x0
0x0
: Initial value
15
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ERRINT DONEINT CHNEN XFRACT ACCMP NCCMP NTCMP Reserved CFGERR PCIERR CHNERR DATAERR
R
R
R
R
R
R/W1C R/W1C
R/W1C R/W1C R/W1C R/W1C : Type
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0 : Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:30
Reserved
⎯
29:24
REQCNT
Request Delay
Time Counter
Request Delay Counter (Default: 0x00)
This field indicates the request delay time counter value as 16
× n when the
6-bit value of this field is n.
R
23:20
FIFOCNT
FIFO Hold Count
FIFO Valid Entry Count (Default: 0x0)
This field indicates the number of bytes that was written in the FIFO but not
yet read. This is a diagnostic function.
R
19:18
FIFOWP
FIFO Write
Pointer
FIFO Write Pointer (Default: 0x0)
This field indicates the next Write position in the FIFO. This is a diagnostic
function.
R
17:16
FIFORP
FIFO Read
Pointer
FIFO Read Pointer (Default: 0x0)
This field indicates the next Read position in the FIFO. This is a dianostic
function.
R
15:12
Reserved
⎯
11
ERRINT
Error Interrupt
Status
Error Interrupt Status (Default: 0x0)
Indicates whether to signal an error interrupt.
1: An error interrupt request exists.
0: No error interrupt request exists.
R
10
DONEINT
Normal Transfer
Complete
Interrupt Status
Normal Transfer Complete Interrupt Status (Default: 0x0)
Indicates whether a Normal Transfer Complete Interrupt is signaled.
This bit becomes “1” when either the Normal Chain Complete bit (NCCMP)
is set and the Normal Chain Complete Interrupt Enable bit (NCCMPIE) is
set, or when the Normal Data Transfer Complete bit (NTCMP) is set and
the Normal Data Transfer Complete Interrupt Enable bit (NTCMPIE) is set.
1: A Normal Transfer Complete Interrupt request exists.
0: No Normal Transfer Complete Interrupt request exists.
R
9
CHNEN
Chain Enable
Chain Enable (Default: 0x0)
This bit is a copy of the Chain Enable bit in the PDMAC Configuration
Register.
R
Figure 10.4.61 Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com