Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 369 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 369 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 365Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 366Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 373Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 716 page
background image
Chapter 10 PCI Controller
10-93
10.4.62 PDMAC Configuration Register (PDMCFG)0xD220
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
22
21
20
19
16
Reserved
RSTFIFO
EXFER
Reserved
R/W
R/W
: Type
0x0
0x0
: Initial value
15
14
13
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
REQDLY
ERRIE NCCMPIE NTCMPIE CHNEN XFRACT Reserved BSWAP
XFRSIZE
XFRDIRC
CHRST
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W : Type
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x1
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:22
Reserved
⎯
21
RSTFIFO
Reset FIFO
Reset FIFO (Default: 0x0)
Initializes the Read pointer and Write pointer to the FIFO in the PDMAC,
and sets the FIFO hold count to “0”. Please use the software to clear this
bit when it is set.
This is a function for a diagnosis. Usually, it is not used.
1: Performs FIFO reset.
0: Does not perform FIFO reset.
R/W
20
EXFER
Endian Transfer
Endian Transfer (Default: 0x0)
Specifies whether to perform Endian transfer. Please use the default as is.
Set up EXFER as follows according to a Endian setup of G-Bus.
1: G-Bus in Little Endian
0: G-Bus in Big Endian
R/W
19:14
Reserved
⎯
13:11
REQDLY
Request Delay
Time
Request Delay (Default: 0x0)
G-Bus transactions for DMA transfer must be performed separated at least
by the interval this field specifies.
000: Continuously try to perform G-Bus transfer.
001: 16 G-Bus clocks
010: 32 G-Bus clocks
011: 64 G-Bus clocks
100: 128 G-Bus clocks
101: 256 G-Bus clocks
110: 512 G-Bus clocks
111: 1024 G-Bus clocks
R/W
10
ERRIE
Error Detect
Interrupt Enable
Interrupt Enable on Error (Default: 0x0)
1: PDMAC generates an error during error detection.
0: PDMAC does not generate an error during error detection.
R/W
9
NCCMPIE
Normal Chain
Complete
Interrupt Enable
Interrupt Enable on Chain Done (Default: 0x0)
1: PDMAC generates an interrupt when the current chain is complete.
0: PDMAC does not generate an interrupt when the current chain is
complete.
R/W
Figure 10.4.60 PDMAC Configuration Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com