Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 405 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 405 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 403Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 409Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 716 page
background image
Chapter 12 Timer/Counter
12-3
12.3 Detailed Explanation
12.3.1 Overview
The TX4938 has an on-chip 3-channel 32-bit timer/counter. Each channel supports the following
modes.
(1) Interval Timer Mode (Timer 0, 1, 2)
This mode periodically generates interrupts.
(2) Pulse Generator Mode (Timer 0, 1)
This is the pulse signal output mode.
(3) Watchdog Timer Mode (Timer 2)
This mode is used to monitor system abnormalities.
12.3.2 Counter Clock
The clock used for counting can be set to a frequency that is 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, or
1/256 of the internal clock (IMBUSCLK) frequency, or can be selected from nine counter input signal
(TCLK) types. Divide Register n (TMCCDRn) and the Counter Clock Select bit (TMTCRn.CCS) are
used to select the counter clock. In this situation, IMBUSCLK is the internal clock signal which is the
G-Bus clock divided by 2. See “Chapter 6 Clocks” for more information.
The counter input signal (TCLK) is used by three channels. Using TCLK makes it possible to count
external events. The External Clock Edge bit (TMTCRn.ECES) can be used to select the clock
rising/falling count.
Set the TCLK clock frequency to 45% or less of IMBUSCLK (TCLK = 27 MHz or less when
IMBUSCLK = 60 MHz). The following tables shows example count times when using 60 MHz or 66
MHz IMBUSCLK.
Table 12.3.1 Divide Value and Count (IMBUSCLK = 60 MHz)
Divide
Rate
TMCCDRn.
CCD
Counter Clock
Frequency (Hz)
Resolution (ns)
Max. Set Time
(sec.)
TMCPRAn Value
for 1 sec.
2
4
8
16
32
64
128
256
000
001
010
011
100
101
110
111
30.0 M
15.0 M
7.5 M
3.75 M
1.9 M
937.5 K
468.8 K
234.4 K
33.33
66.67
133.33
266.67
533.33
1066.67
2133.33
4266.67
143.17
286.33
572.66
1145.32
2290.65
4581.30
9162.60
18325.20
30000000
15000000
7500000
3750000
1875000
937500
468750
234375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com