Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 408 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 408 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 409Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 410Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 411Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 412Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 716 page
background image
Chapter 12 Timer/Counter
12-6
12.3.5 Pulse Generator Mode
When in the Pulse Generator mode, use Compare Register A (TMCPRAn) and Compare Register B
(TMCPRBn) to output a particular period and particular duty square wave to the TIMER[n] signal.
Setting the Timer Mode field (TMTCRn.TMODE) of the Timer Control Register to “01” sets the timer
to the Pulse Generator mode. Timer 0 and Timer 1 can be used, but Timer 2 cannot.
The initial state of the TIMER[n] signal can be set by the Flip Flop Default bit (TMPGMRn.FFI) of
the Pulse Generator Mode Register.
The TIMER[n] output signal reverses when the counter value matches the value set in Compare
Register A (TMCPRAn). The TIMER[n] output signal reverse again, clearing the counter when the
counter continues counting and the value set in Compare Register B (TMCPRBn) and the counter value
match. Consequently, a value greater than that in Compare Register A (TMCPRAn) must not be set in
Compare Register B (TMCPRBn).
Interrupts can be generated in the Pulse Generator mode as well. However, this is not standard
practice.
The Pulse Generator TMCPRA Status bit (TMTISRn.TPIAS) of the Timer Interrupt Status Register is
set when the count value matches the value of Compare Register A (TMCPRAn). Timer interrupts are
generated when the TMCPRA Interrupt Enable bit (TMPGMRn.TPIAE) of the Pulse Generator Mode
Register is set.
Similarly, the Pulse Generator TMCPRB Status bit (TMTISRn.TPIBS) of the Timer Interrupt Status
Register is set when the count value matches the value of Compare Register B (TMCPRBn). Timer
interrupts are generated when the TMCPRB Interrupt Enable bit (TMPGMRn.TPIBE) of the Pulse
Generator Mode Register is set.
Figure 12.3.3 Operation Example of the Pulse Generator Mode
Count Value
0x000000
TCE = 1
TIMER[n]
Time
TCE = 1
TMCPRBn
Compare Value
TMCPRAn
Compare Value
TMODE1 = 01 (Pulse Generator Mode), CCS= 0 (Internal Clock)
FFI = 1 (Initial High), CRE = 0 (Counter Reset Disable)
TCE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com