Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 409 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 409 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 409Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 410Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 411Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 412Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 413Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 716 page
background image
Chapter 12 Timer/Counter
12-7
12.3.6 Watchdog Timer Mode
The Watchdog Timer mode is used to monitor system anomalies. The software periodically clears the
counter and judges an anomaly to exist if the counter is not cleared within a specified period of time.
Then, either the TX4938 is internally reset or an NMI is signaled to the TX49/H3 core. Set the Timer
mode field (TMTCR2.TMODE) of the Timer Control Register to “10” to set the timer to the Watchdog
Timer mode. This mode can only be used by Timer 2.
Use the Watchdog Reset bit (WR) of the Chip Configuration Register (CCFG) to select whether to
perform an internal reset or signal an NMI. Set this bit to “1” to select Watchdog Reset, or set it to “0”
to select NMI Signaling.
When the timer count reaches the value programmed in Compare Register A (TMCPRA2), the
Watchdog Timer TMCPRA Match Status bit in the Timer Interrupt Status Register (TMTISR2.TWIS) is
set. Either the watchdog timer reset or NMI is issued if the Timer Watchdog Enable bit in the Watchdog
Timer Mode Register (TMWTMR2.TWIE) is set.
When the watchdog timer reset is selected, the Watchdog Reset Status bit in the Chip Configuration
Register (CCFG.WDRST) is set. If the Watchdog Reset External Output bit in the Chip Configuration
Register (CCFG.WDREXEN) is cleared, the entire TX4938 is initialized but the configuration registers.
Setting the Watchdog Reset External Output bit (CCFG.WDREXEN) causes the WDRST* signal to be
asserted. This does not initialize the TX4938. The WDRST* signal remains asserted until the RESET*
signal is asserted. Assertion of the RESET* signal deasserts the WDRST* signal and initializes the
TX4938.
There are three ways of stopping NMI signaling from being performed.
1.
Clear the Watchdog Timer Interrupt Status bit (TMTISR2.TWIS) of the timer Interrupt Status
Register.
2.
Clear the counter by writing “1” to the Watchdog Timer Clear bit (TMWTMR2.TWC) of the
Watchdog Timer Mode Register.
3.
Clear the Watchdog Timer Interrupt Enable bit (TMWTMR2.TWIE) while the Watchdog Timer
Disable bit (TMWTMR2.WDIS) is still set.
It is possible to stop the counter when in the Watchdog Timer mode by clearing the Timer Counter
Enable bit (TMTCR2.TCE) of the Timer Control Register while the Watchdog Timer Disable bit
(TMWTMR2.WDIS) of the Watchdog Timer Mode Register is set to “1”.
It is also possible to stop the counter by clearing the Counter Clock Divide Cycle Enable bit
(TMTCR2.CCDE) of the Timer Control Register when the internal clock is being used as the counter
clock.
It is not possible to directly write “0” to the Watchdog Timer Disable bit (TMWTMR2.WDIS). There
are two ways to clear this bit.
1.
Clear the Watchdog Timer Interrupt Enable bit (TMWTMR2.WDIS)
2.
Clear the Timer Counter Enable bit (TMTCR2.TCE) of the Timer Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com