Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 438 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 438 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 439Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 440Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 441Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 442Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 716 page
background image
Chapter 14 AC-link Controller
14-14
14.3.6.7 Slot Activation Control
In case ACLC is required to begin transmission or reception of multiple streams at the same
time, slot activation control will be useful. To use this feature, the software must deactivate the
relevant streams first, enable ACLC Control Enable Register (ACCTLEN), make sure the
transmission FIFO becomes full by checking ACLC FIFO Status Register (ACFIFOSTS)’s Full
(xxxxFULL) bit, and finally enable ACLC Slot Enable Register (ACSLTEN). This procedure
assures that all the reception streams are activated at a frame and all the transmission streams
begin to respond to the slot-request bits of that frame.
Note that access to ACSLTEN and ACLC Slot Disable Register (ACSLTDIS) needs special care
to synchronize with the link-side. Refer to the register description for detail.
Since operating ACCTLEN register and DMAC without touching ACSLTEN is sufficient for
most usages, the initial ACSLTEN value enables all the transmission and reception through the
slots by default.
14.3.6.8 Variable Rate Limitation
To improve compatibility with existing AC’97 CODECs and controllers on the market, ACLC
combines sample-data for the slots 3 and 4 into one DMA channel, and similarly for the slots 7
and 8. This feature effectively considers that the slot request bit from the CODEC for slot 4 shall
be always same (in tandem) as for slot 3 for each frame, and similarly for the slots 7 and 8. ACLC
also considers that the slot valid bit from the CODEC for slot 4 shall be always same (in tandem)
as for slot 3 for each frame.
14.3.7 GPIO Operation
ACLC supports the slot 12 for the MC’97 (Modem Codec) GPIO.
The slot 12 is shadowed in the ACLC GPI Data Register (ACGPIDAT) and ACLC GPO Data
Register (ACGPODAT) in the following way:
•
ACLC copies the slot 12 input data into the ACGPIDAT register, if the slot 12 input is marked by
the CODEC as valid in the AC-link frame period.
•
ACLC generates the slot 12 output data from the ACGPODAT register and mark it as valid, if the
slot 12 is required from the CODEC in the previous AC-link frame.
This shadowing function is enabled as long as ACSLTEN allows.
The bit 0 of the slot 12 is defined as ‘GPIO_INT’ and can cause ACLC to request an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com