Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 439 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 439 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 439Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 440Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 441Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 442Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 443Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 716 page
background image
Chapter 14 AC-link Controller
14-15
14.3.8 Interrupt
ACLC generate two kinds of interrupt to the interrupt controller as below.
• ACLC Interrupt
Logical OR of all the valid bits of ACLC Interrupt Masked Status Register (ACINTMSTS) is
connected. Refer to the section 14.4.5.
• ACLCPME Interrupt
This interrupt shows the wake-up from CODEC in AC-link low-power mode.
Refer to the description for ACLC Control Enable Register (ACCTLEN)’s Wake-up Enable
(WAKEUP) bit in section 14.4.1.
14.3.9 AC-link Low-power Mode
The AC’97 specification makes provision for saving power during system suspension by powering-
down both the controller and CODEC except the minimum circuit to detect modem RING/Caller-ID
event and wake up the system. AC’97 CODEC is required to go into the low-power mode when they
receive a special register-write access. In this mode, the AC-link controller must drive all output signals
to low level to allow the CODEC digital I/O power cut.
ACLC provides ‘AC-link low-power mode’ setting. When this mode is enabled by ACLC Control
Enable Register (ACCTLEN)’s Enable AC-link Low-power Mode (LOWPWR) bit, all the output
signals except the ACRESET* signal to the AC-link are forced to low level.
The AC-link will be reactivated out of the low-power mode when the SYNC signal is driven high for
1 µs or longer by the AC-link controller while the BITCLK signal is inactive. The software is
responsible for controlling the length of this period.
ACLC also provides the ‘wake-up’ function. While this function is enabled by ACCTLEN Register’s
Enable Wake-up (WAKEUP) bit, high-level input at any SDIN[x] signal will force ACLCPME interrupt
assertion.
When ACLCPME interrupt is recognized, the software must disable the low-power mode and assert
warm reset to the AC-link via ACCTLEN Register’s Enable Warm Reset (WRESET) bit. After the
warm reset is deasserted, the CODEC will start providing the BITCLK signal, and then ACLC will
generate the SYNC signal for usual AC-link frames.
Refer to section B.5.1 of AC’97 specification revision 2.1 for the power-down and wake-up sequence
in AC-link power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com