Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 443 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 443 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 439Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 440Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 441Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 442Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 443Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 445Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 447Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 716 page
background image
Chapter 14 AC-link Controller
14-19
Bit
Mnemonic Field Name
Description
Read/Write
7:6
⎯
Reserved
⎯
RDYCLR: Clear CODEC Ready Bit
W1S
5
RDYCLR
Clear CODEC
Ready Bit
W1C
0: No effect
1: Clear CODEC[1:0] ready bits
[Note: This bit should only be written to reevaluate the CODEC
ready status after power-down command is sent to CODEC.]
MICSEL: MIC Selection.
R/W1S
4
MICSEL
MIC Selection
R
0: Indicates that PCM L&R (Slot 3&4) is selected for audio reception.
1: Indicates that MIC (Slot 6) is selected for audio reception.
W1S
0: No effect
1: Selects MIC (Slot 6) for audio reception.
WRESET: Assert Warm Reset.
R/W1S
3
WRESET
Assert Warm
Reset
R
0: Indicates that warm reset is not asserted.
1: Indicates that warm reset is asserted.
W1S
0: No effect
1: Asserts warm reset.
[Note 1: Do not assert warm reset during normal operation.]
[Note 2: The software must guarantee the warm reset assertion
time meets the AC’97 specification (1.0
µs or more).]
WAKEUP: Enable Wake-up.
R/W1S
2
WAKEUP
Enable Wake-up
R
0: Indicates that wake-up from low-power mode is disabled.
1: Indicates that wake-up from low-power mode is enabled. While
any SDIN signal is driven high, ACLC asserts ACLCPME interrupt
request to the interrupt controller.
W1S
0: No effect
1: Enables wake-up from low-power mode.
[Note: Do not enable wake-up during normal operation.]
LOWPWR: Enable AC-link Low-power Mode.
R/W1S
1
LOWPWR
Enable AC-link
low-power mode
R
0: SYNC and SDOUT signals are not forced to low.
1: SYNC and SDOUT signals are forced to low.
W1S
0: No effect
1: Forces SYNC and SDOUT signals low.
[Note: Do not enable AC-link low-power mode during normal
operation.]
ENLINK: Enable AC-link.
R/W1S
0
ENLINK
Enable AC-link
R
0: Indicates that the ACRESET* signal to AC-link is asserted.
1: Indicates that the ACRESET* signal to AC-link is not asserted.
W1S
0: No effect
1: Deasserts the ACRESET* signal to AC-link
[Note: The software must guarantee the ACRESET* signal
assertion time meets the AC’97 specification (1.0
µs or
more).]
Figure 14.4.1 ACCTLEN Register (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com