Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 446 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 446 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 442Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 443Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 445Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 450Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 716 page
background image
Chapter 14 AC-link Controller
14-22
14.4.3 ACLC CODEC Register Access Register
0xF708
CODEC registers can be accessed through this register.
31
30
26
25
24
23
22
16
CODE
CRD
Reserved
CODECID
Reserved
REGADR
W
W
R/W
: Type
: Initial value
15
0
REGDAT
R/W
: Type
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
CODECRD: AC’97 register read access
W
31
CODECRD
AC’97 register
read access
W
0: Indicates a write access.
1: Indicates a read access.
30:26
—
Reserved
⎯
CODECID: AC’97 CODEC ID
W
25:24
CODECID
AC’97 CODEC
ID
W
Specifies the CODEC ID of the read/write access destination.
The values “0” through “3” can be specified as the CODEC ID, but
the number of CODECs actually supported depends on the
configuration.
23
—
Reserved
⎯
REGADR: AC’97 register address
R/W
22:16
REGADR
AC’97 register
address
R
Read address. Valid address can be read after read access is
complete.
W
Specifies the read/write access destination address.
REGDAT: AC’97 register data
R/W
15:0
REGDAT
AC’97 register
data
R
Read data. Valid data can be read after read access is complete.
W
Write data.
Figure 14.4.3 ACREGACC
This register must not be read from or written to until access completion is reported through the
ACINTSTS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com