Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 445 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 445 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 441Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 442Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 443Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 445Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 449Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 716 page
background image
Chapter 14 AC-link Controller
14-21
Bit
Mnemonic Field Name
Description
Read/Write
13
Reserved
⎯
AUDIDMA: Disable Audio Receive-data DMA.
W1C
12
—
W1C
0: No effect
1: Disables audio receive-data DMA.
LFEDMA: Disable Audio LFE Transmit-data DMA.
W1C
11
—
W1C
0: No effect
1: Disables audio LFE transmit-data DMA.
CENTDMA: Disable Audio Center Transmit-data DMA.
W1C
10
—
W1C
0: No effect
1: Disables audio Center transmit-data DMA.
SURRDMA: Disable Audio Surround L&R Transmit-data DMA.
W1C
9
—
W1C
0: No effect
1: Disables audio Surround L&R transmit-data DMA.
AUDODMA: Disable Audio PCM L&R Transmit-data DMA.
W1C
8
—
W1C
0: No effect
1: Disables audio PCM L&R transmit-data DMA.
7:5
Reserved
⎯
MICSEL: MIC Selection
W1C
4
—
W1C
0: No effect
1: Selects PCM L&R (Slot 3&4) for audio reception
WRESET: Deassert Warm Reset.
W1C
3
—
W1C
0: No effect
1: Deasserts warm reset.
[Note: The software must guarantee the warm reset assertion
time meets the AC’97 specification (1.0
µs or more).]
WAKEUP: Disable Wake-up.
W1C
2
—
W1C
0: No effect
1: Disables wake-up from low-power mode.
LOWPWR: Disable AC-link Low-power Mode.
W1C
1
—
W1C
0: No effect
1: Releases SYNC and SDOUT signals from low.
ENLINK: Disable AC-link.
W1C
0
—
W1C
0: No effect
1: Asserts the ACRESET* signal to AC-link.
[Note: The software must guarantee the ACRESET* signal
assertion time meets the AC’97 specification (1.0
µs or
more).]
Figure 14.4.2 ACCTLDIS Register (2/2)
Clear xxxxDMA bits in ACCTLEN to “0” by using this register to disable transmit/receive-data
DMA and to stop transmission/reception by the AC-link. Note that if these bits are cleared while
output-slot data is flowing in the FIFO, ACLC may output a wrong data as the last sample. This
behavior will not occur if the software waits for data-flow completion by detecting underrun before it
disables the corresponding slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com