Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 448 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 448 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 445Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 452Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 716 page
background image
Chapter 14 AC-link Controller
14-24
Bit
Mnemonic
Field Name
Description
Read/Write
REGACCRDY: ACREGACC Ready
R/W1C
4
REGACCRDY ACREGACC
Ready
R
W1C
1: Indicates that the ACREGACC register is ready to get the value
(in case the previous operation was a read access) and to
initiate another R/W access to an AC’97 register.
The result of reading or writing to the ACREGACC register before
the completion notification is undefined.
This bit is cleared if “1” is written to it.
This bit automatically becomes ‘0’ when the ACREGACC register
is written.
3:2
⎯
Reserved
⎯
CODEC1RDY: CODEC1 Ready
R
1
CODEC1RDY CODEC1 Ready
R
1: Indicates that the CODEC Ready bit of SDIN1 Slot0 is set.
CODEC0RDY: CODEC0 Ready
R
0
CODEC0RDY CODEC0 Ready
R
1: Indicates that the CODEC Ready bit of SDIN0 Slot0 is set.
Figure 14.4.4 ACINTSTS Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com