Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 452 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 452 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 456Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 716 page
background image
Chapter 14 AC-link Controller
14-28
14.4.10 ACLC GPO Data Register
0xF744
This register specifies GPIO (slot 12) output data.
31
21
20
19
16
Reserved
WRPEND
GPODAT
R
R/W
: Type
0
0x00000
: Initial value
15
1
0
GPODAT
R/W
R
: Type
0x00000
0
: Initial value
Bit
Mnemonic Field Name
Description
Read/Write
31:20
⎯
Reserved
⎯
WRPEND: Write Pending
R
20
WRPEND
Write Pending
R
0: Indicates that the previous write operation is complete and the
ACGPODAT register is ready to be written.
1: Indicates that the previous write operation is not complete and
the ACGPODAT register is not yet ready to be written.
GPODAT: GPIO-Out data
R/W
19:1
GPODAT
GPIO-Out data
R
W
Reads back the value previously written to this field.
Writes data to the outgoing slot 12 bits[19:1].
0
⎯
⎯
R
Reads always ‘0’.
R
Figure 14.4.7 ACGPODAT Register
Writing a value into this register needs several BITCLK cycles to take effect. The software must
guarantee that no write access be executed until the previous write access takes effect (completes), by
reading the ACGPODAT.WRPEND bit prior to writing this register. If it is set for a long time, the
BITCLK signal on the AC-link is probably inactive for whatever reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com