Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 454 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 454 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 458Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 716 page
background image
Chapter 14 AC-link Controller
14-30
Bit
Mnemonic Field Name
Description
Read/Write
AUDISLT: Enable Audio slot reception.
R/W1S
4
AUDISLT
Enable Audio
slot reception
R
W1S
0: Indicates that audio slot reception is disabled.
1: Indicates that audio slot reception is enabled.
0: No effect
1: Enables audio slot reception.
LFESLT: Enable Audio LFE slot transmission.
R/W1S
3
LFESLT
Enable Audio
LFE slot
transmission
R
W1S
0: Indicates that audio LFE slot transmission is disabled.
1: Indicates that audio LFE slot transmission is enabled.
0: No effect
1: Enables audio LFE slot transmission.
CENTSLT: Enable Audio Center slot transmission.
R/W1S
2
CENTSLT
Enable Audio
Center slot
transmission
R
W1S
0: Indicates that audio Center slot transmission is disabled.
1: Indicates that audio Center slot transmission is enabled.
0: No effect
1: Enables audio Center slot transmission.
SURRSLT: Enable Audio Surround L&R slot transmission.
R/W1S
1
SURRSLT
Enable Audio
Surround L&R
slot
transmission
R
W1S
0: Indicates that audio Surround L&R slot transmission is disabled.
1: Indicates that audio Surround L&R slot transmission is enabled.
0: No effect
1: Enables audio Surround L&R slot transmission.
AUDOSLT: Enable Audio PCM L&R slot transmission.
R/W1S
0
AUDOSLT
Enable Audio
PCM L&R slot
transmission
R
W1S
0: Indicates that audio PCM L&R Slot transmission is disabled.
1: Indicates that audio PCM L&R Slot transmission is enabled.
0: No effect
1: Enables audio PCM L&R slot transmission.
Figure 14.4.8 ACSLTEN Register (2/2)
Writing a value into this register needs several BITCLK cycles to take effect. The software must
guarantee that no write access be executed until the previous write access takes effect (completes), by
reading the ACSLTEN.WRPEND bit prior to writing this register. If it is set for a long time, the
BITCLK signal on the AC-link is probably inactive for whatever reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com