Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 456 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 456 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 456Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 459Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 460Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 716 page
background image
Chapter 14 AC-link Controller
14-32
14.4.13 ACLC FIFO Status Register
0xF750
This register indicates the AC-link slot data FIFO status.
31
16
Reserved
: Type
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
MODO
FULL
Reserved
LFE
FULL
CENT
FULL
SURR
FULL
AUDO
FULL
MODI
FILL
MODO
FILL
Reserved
AUDI
FILL
LFEFILL
CENT
FILL
SURR
FILL
AUDO
FILL
R
R
R
R
R
R
R
R
R
R
R
R
: Type
0
0
0
0
0
0
0
0
0
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:15
⎯
Reserved
⎯
MODOFULL: Modem Transmit-data Full.
R
14
MODOFULL Modem
Transmit-data
Full
R
0: Indicates modem transmit-data FIFO is not full.
1: Indicates modem transmit-data FIFO is full.
13:12
Reserved
Reserved
⎯
LFEFULL: Audio LFE Transmit-data Full.
R
11
LFEFULL
Audio LFE
Transmit-data
Full
R
0: Indicates audio LFE transmit-data FIFO is not full.
1: Indicates audio LFE transmit-data FIFO is full.
CENTFULL: Audio Center Transmit-data Full.
R
10
CENTFULL
Audio Center
Transmit-data
Full
R
0: Indicates audio Center transmit-data FIFO is not full
1: Indicates audio Center transmit-data FIFO is full.
SURRFULL: Audio Surround L&R Transmit-data Full.
R
9
SURRFULL
Audio Surround
L&R
Transmit-data
Full
R
0: Indicates audio Surround L&R transmit-data FIFO is not full.
1: Indicates audio Surround L&R transmit-data FIFO is full.
AUDOFULL: Audio PCM L&R Transmit-data Full.
R
8
AUDOFULL Audio PCM L&R
Transmit-data
Full
R
0: Indicates audio PCM L&R transmit-data FIFO is not full.
1: Indicates audio PCM L&R transmit-data FIFO is full.
MODIFILL: Modem Receive-data Filled.
R
7
MODIFILL
Modem
Receive-data
Filled
R
0: Indicates modem receive-data FIFO is empty.
1: Indicates modem receive-data FIFO is not empty.
MODOFILL: Modem Transmit-data Filled.
R
6
MODOFILL
Modem
Transmit-data
Filled
R
0: Indicates modem transmit-data FIFO is empty.
1: Indicates modem transmit-data FIFO is not empty.
5
⎯
Reserved
⎯
AUDIFILL: Audio Receive-data Filled.
R
4
AUDIFILL
Audio
Receive-data
Filled
R
0: Indicates audio receive-data FIFO is empty.
1: Indicates audio receive-data FIFO is not empty.
LFEFILL: Audio LFE Transmit-data Filled.
R
3
LFEFILL
Audio LFE
Transmit-data
Filled
R
0: Indicates audio LFE transmit-data FIFO is empty.
1: Indicates audio LFE transmit-data FIFO is not empty.
Figure 14.4.10 ACFIFOSTS Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com