Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 327 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 327 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 323Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 324Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 325Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 326Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 327Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 329Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 330Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 331Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 716 page
background image
Chapter 10 PCI Controller
10-51
10.4.24 PCI Bus Arbiter Configuration Register (PBACFG)
0xD104
This register is only valid when using the on-chip PCI Bus Arbiter.
31
16
Reserved
: Type
: Initial value
15
4
3
2
1
0
Reserved
FIXPA RPBA PBAEN BMCEN
R/W
R/W
R/W
R/W : Type
0
0
0
0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:4
Reserved
⎯
3
FIXPA
Fixed Park
Master
Fixed Park Master (Default: 0)
Selects the method for determining the Park Master.
0: The last Bus Master becomes the Park Master.
1: Internal PCI Bus Arbiter Request Port A is the Park Master.
R/W
2
RPBA
Reset PCI Bus
Arbiter
Reset PCI Bus Arbiter (Default: 0)
Resets the PCI Bus Arbiter. However, the PCI Bus Arbiter Register settings
are saved. Please use the software to clear this bit.
1: The PCI Bus Arbiter is currently being reset.
0: The PCI Bus Arbiter is not currently being reset.
R/W
1
PBAEN
PCI Bus Arbiter
Enable
PCI Bus Arbiter Enable (Default: 0)
This is the Bus Arbiter Enable bit. After Reset, External PCI Bus requests
to the PCI Arbiter cannot be accepted until this bit is set to “1”. The PCI
Controller is the default Parking Master after Reset.
1: Enables the PCI Bus Arbiter.
0: Disables the PCI Bus Arbiter.
R/W
0
BMCEN
Broken Master
Check Enable
Broken Master Check Enable (Default: 0)
Controls Broken Master detection.
1: Enables the Broken PCI Bus Master check.
0: Disables the Broken PCI Bus Master check.
R/W
Figure 10.4.22 PCI Bus Arbiter Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com