Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 325 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 325 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 321Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 322Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 323Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 324Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 325Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 326Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 327Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 329Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 716 page
background image
Chapter 10 PCI Controller
10-49
10.4.23 PCI Bus Arbiter Request Port Register (PBAREQPORT)
0xD100
This register sets the correlation between each PCI Bus request source (PCI Controller and
REQ[3:0]) and each Internal PCI Bus Arbiter Request port (Master A - D, W - Z) (see Figure 10.3.8).
When changing the settings of this register, unused ports must be programmed to a reserved value.
The eight non-reserved fields must be programmed to different values. After changing this register, the
Broken Master Register (BM) value becomes invalid since the bit mapping changes.
This register is only valid when using the on-chip PCI Bus Arbiter.
31
30
28
27
26
24
23
22
20
19
18
16
Reserved
ReqAP
Reserved
ReqBP
Reserved
ReqCP
Reserved
ReqDP
R/W
R/W
R/W
R/W
: Type
111
110
101
100
: Initial value
15
14
12
11
10
8
7
6
4
3
2
0
Reserved
ReqWP
Reserved
ReqXP
Reserved
ReqYP
Reserved
ReqZP
R/W
R/W
R/W
R/W
: Type
011
010
001
000
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31
Reserved
⎯
30:28
ReqAP
Request A Port
Request A Port (Default: 111)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter
Request A Port (Master A).
111: Makes the PCI Controller Master A.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master A.
010: Makes REQ*[2] Master A.
001: Makes REQ*[1] Master A.
000: Makes REQ*[0] Master A.
R/W
27
Reserved
⎯
26:24
ReqBP
Request B Port
Request B Port (Default: 110)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter
Request B Port (Master B).
111: Makes the PCI Controller Master B.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master B.
010: Makes REQ*[2] Master B.
001: Makes REQ*[1] Master B.
000: Makes REQ*[0] Master B.
R/W
23
Reserved
⎯
22:20
ReqCP
Request C Port
Request C Port (Default: 101)
Sets the PCI Bus Master that connects to the Internal PCI Bus Arbiter
Request C Port (Master C).
111: Makes the PCI Controller Master C.
110: Reserved
101: Reserved
100: Reserved
011: Makes REQ*[3] Master C.
010: Makes REQ*[2] Master C.
001: Makes REQ*[1] Master C.
000: Makes REQ*[0] Master C.
R/W
Figure 10.4.21 PCI Bus Arbiter Request Port Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com