Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 321 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 321 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 318Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 319Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 320Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 321Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 322Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 323Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 324Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 325Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 716 page
background image
Chapter 10 PCI Controller
10-45
Bit
Mnemonic
Field Name
Description
Read/Write
11
MEM1PD
Memory 1
Window Prefetch
Disable
Memory 1 Window Prefetch Disable (Default: 0x0)
Prefetching during a G-Bus Burst Read transfer cycle to the Memory 1
Space is disabled when this bit is set to “1”. PCI Burst Read transactions
are not supported when prefetching is disabled.
Even if the setting of this bit is changed, prefetchable bits in the Base
Address Register of the PCI Configuration Space will not reflect this
change. We recommend using the default setting when the PCI Controller
is in the Satellite mode.
R/W
10
MEM2PD
Memory 2
Window Space
Prefetch Disable
Memory 2 Window Prefetch Disable (Default: 0x1)
Prefetching during a G-Bus Burst Read transfer cycle to the Memory 2
Space is disabled when this bit is set to “1”. PCI Burst Read transactions
are not supported when prefetching is disabled.
Even if the setting of this bit is changed, prefetchable bits in the Base
Address Register of the PCI Configuration Space will not reflect this
change. We recommend using the default setting when the PCI Controller
is in the Satellite mode.
R/W
9
TOBFR
Target Out-Bound
FIFO Reset
Target Out-Bound FIFO Reset (Default: 0x0)
The PCI Controller flushes the CORE internal Target Out-Bound FIFO
when “1” is written to this bit. This bit always reads out “0” when it is read.
This is a diagnostic function.
R/W
8
TIBFR
Target In-Bound
FIFO Reset
Target In-Bound FIFO Reset (Default: 0x0)
The PCI Controller flushes the CORE internal Target In-Bound FIFO when
“1” is written to this bit. This bit always read out “0” when it is read. This is a
diagnostic function.
R/W
7:0
Reserved
⎯
Figure 10.4.17 P2G Configuration Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com