Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 320 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 320 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 316Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 318Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 319Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 320Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 321Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 322Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 323Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 324Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 716 page
background image
Chapter 10 PCI Controller
10-44
10.4.19 P2G Configuration Register (P2GCFG)
0xD090
31
23
22
21
20
19
16
Reserved
PME
TPRBL
Reserved
R/W1S
R/W
: Type
0x0
0x3
: Initial value
15
14
13
12
11
10
9
8
7
0
FTRD
FTA Reserved MEM0PD MEM1PD MEM2PD TOBFR TIBFR
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0x0
0x0
0x0
0x0
0x1
0x0
0x0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:23
Reserved
⎯
22
PME
PME
PME (Default: 0x0)
When the PCI Controller is in the Satellite mode, writing “1” to this bit
signals a PME (Power Management Event) to the PCI Host device. The
PME* signal is asserted if the PME_Status bit of the PMCSR Register is
set and the PME_En bit of the PMCSR Register is set.
This bit is cleared when the PCI Host device writes a “1” to the PME_Status
bit of the PMCSR Register.
This bit is invalid when the PCI Contoller is in the Host mode since the
PME* signal is an input signal.
R/W1S
21:20
TPRBL
Target Prefetch
Read Burst
Length
Target Prefetch Read Burst Length (Default: 0x3)
These bits set the number of DWORDS (32-bit words) to be read into the
data FIFO when prefetching is valid during a target memory Read
operation.
Extra data transferred to the data FIFO is deleted when performing a
memory Read operation of a PCI Bus transfer that is smaller than the set
size.
This setting is invalid when prefetching is disabled.
0x00: Access and transfer each 2 DWORDs of data to the target read FIFO.
0x01: Access and transfer each 4 DWORDs of data to the target read FIFO.
0x10: Access and transfer each 6 DWORDs of data to the target read FIFO.
0x11: Access and transfer each 8 DWORDs of data to the target read FIFO.
R/W
19:16
Reserved
⎯
15
FTRD
Force Target
Retry/Disconnect
Force Target Retry/Disconnect (Default: 0x0)
The PCI Controller executes Retry Termination on a PCI Read access
transaction if this bit is set to “1”. This is a diagnostic function.
R/W
14
FTA
Force Target
Abort
Force Target Abort (Default: 0x0)
The PCI Controller executes a Target Abort on a PCI Read access
transaction if this bit is set to “1”. This is a diagnostic function.
R/W
13
Reserved
⎯
12
MEM0PD
Memory 0
Window Prefetch
Disable
Memory 0 Window Prefetch Disable (Default: 0x0)
Prefetching during a G-Bus Burst Read transfer cycle to the Memory 0
Space is disabled when this bit is set to “1”. PCI Burst Read transactions
are not supported when prefetching is disabled.
Even if the setting of this bit is changed, prefetchable bits in the Base
Address Register of the PCI Configuration Space will not reflect this
change. We recommend using the default setting when the PCI Controller
is in the Satellite mode.
R/W
Figure 10.4.17 P2G Configuration Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com