Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 319 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 319 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 316Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 318Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 319Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 320Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 321Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 322Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 323Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 716 page
background image
Chapter 10 PCI Controller
10-43
10.4.18 PCI Status Interrupt Mask Register (PCIMASK) 0xD08C
31
16
Reserved
: Type
: Initial value
15
14
13
12
11
10
9
8
7
0
DPEIE SSEIE RMAIE RTAIE STAIE
Reserved
MDPEIE
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0x0
0x0
0x0
0x0
0x0
0x0
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
31:16
Reserved
⎯
15
DPEIE
Detected Parity
Error Interrupt
Enable
Detected Parity Error Interrupt Enable (Default: 0x0)
Generates an interrupt when a parity error is detected.
Usually, this interrupt is masked and a Master Data Parity error signals the
error to the system.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
14
SSEIE
Signaled System
Error Interrupt
Enable
Signaled System Error Interrupt Enable (Default: 0x0)
Generates an interrupt when a system error is signaled.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
13
RMAIE
Received Master
Abort Interrupt
Enable
Received Master Abort Interrupt Enable (Default: 0x0)
Generates an interrupt when a Master Abort is received.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
12
RTAIE
Received Target
Abort Interrupt
Enable
Received Target Abort Interrupt Enable (Default: 0x0)
Generates an interrupt when a Target Abort is received.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
11
STAIE
Signaled Target
Abort Interrupt
Enable
Signaled Target Abort Interrupt Enable (Default: 0x0)
Generates an interrupt when a Target Abort is signaled.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
13
RMA
Received Master
Abort
Received Master Abort (Default: 0x0)
This is a shadow register of the PCISTATUS.RMA bit.
R/W
12
RTA
Received Target
Abort
Received Target Abort (Default: 0x0)
This is a shadow register of the PCISTATUS.RTA bit.
R/W
11
STA
Signaled Target
Abort
Signaled Target Abort (Default: 0x0)
This is a shadow register of the PCISTATUS.STA bit.
R/W
10:9
Reseved
⎯
8
MDPEIE
Master Data
Parity Detected
Interrupt Enable
Master Data Parity Detected Interrupt Enable (Default: 0x0)
Generates an interrupt when data parity is detected.
1: Generates an interrupt.
0: Does not generate an interrupt.
R/W
7:0
Reserved
⎯
Figure 10.4.16 PCI Status Interrupt Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com