Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 41 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 37Page - Texas Instruments ADS1294CZXGR Datasheet HTML 38Page - Texas Instruments ADS1294CZXGR Datasheet HTML 39Page - Texas Instruments ADS1294CZXGR Datasheet HTML 40Page - Texas Instruments ADS1294CZXGR Datasheet HTML 41Page - Texas Instruments ADS1294CZXGR Datasheet HTML 42Page - Texas Instruments ADS1294CZXGR Datasheet HTML 43Page - Texas Instruments ADS1294CZXGR Datasheet HTML 44Page - Texas Instruments ADS1294CZXGR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
51kW
100kW
47nF
Skin,
ElectrodeContact
Model
Patient
Protection
Resistor
AVSS
RLD_SENS
VLEAD_OFF_EN
AND
AVSS
RLD_STAT
Patient
RLD_SENS
VLEAD_OFF_EN
AND
ToADCinput(throughV
connectiontoanyofthechannels).
REF
ILGND_OFF[1:0]
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
9.3.1.7.5
RLD Lead-Off
Determine if the RLD electrode is connected in the ADS129x by powering down the RLD amplifier. After power
down, there are two measurement procedures to determine the RLD electrode connect status: a pullup or
pulldown resistor, or a sink or source current source, as shown in Figure 42. Set the reference level of the
comparator to determine the acceptable RLD impedance threshold.
Figure 42. RLD Lead-Off Detection at Power Up
The current source, or pullup or pulldown resistor method has no function when the RLD amplifier is powered on.
Use the comparator to sense the voltage at the output of the RLD amplifier. The comparator threshold is set by
the same LOFF[7:5] bits that are used to set the thresholds for the other negative inputs.
9.3.1.7.6
Right Leg Drive (RLD) DC Bias Circuit
Use the right leg drive (RLD) circuitry to counter the common-mode interference in a ECG system as a result of
power lines and other sources, including fluorescent lights. The RLD circuit senses the common-mode voltage of
a selected set of electrodes and creates a negative feedback loop by driving the body with an inverted common-
mode signal. The negative feedback loop restricts the common-mode movement to a narrow range, depending
on the loop gain. Stabilizing the entire loop is specific to the individual system, based on the various poles in the
loop. The ADS129x incorporate muxes that are used to select the channel to the operational amplifier. All the
amplifier terminals are available at the pins, allowing selection of the components for the feedback loop. The
circuit shown in Figure 43 shows the overall functional connectivity for the RLD bias circuit.
Set the reference voltage for the RLD to be generated internally ([AVDD + AVSS] / 2), or provided externally with
a resistive divider. The selection of an internal versus external reference voltage for the RLD loop is defined by
writing the appropriate value to the RLDREF_INT bit in the CONFIG3 register.
If the RLD function is not used, power down the amplifier using the PD_RLD bit (see the CONFIG3:
Configuration Register 3 (address = 03h) (reset = 40h) section for details). This bit is also used in daisy-chain
mode to power down all but one of the RLD amplifiers.
The functionality of the RLDIN pin is explained in the Input Multiplexer section. An example procedure to use the
RLD amplifier is shown in the Right Leg Drive section of the Power-Supply Recommendations.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com