Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 96 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 96 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 92Page - Texas Instruments ADS1294CZXGR Datasheet HTML 93Page - Texas Instruments ADS1294CZXGR Datasheet HTML 94Page - Texas Instruments ADS1294CZXGR Datasheet HTML 95Page - Texas Instruments ADS1294CZXGR Datasheet HTML 96Page - Texas Instruments ADS1294CZXGR Datasheet HTML 97Page - Texas Instruments ADS1294CZXGR Datasheet HTML 98Page - Texas Instruments ADS1294CZXGR Datasheet HTML 99Page - Texas Instruments ADS1294CZXGR Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
VCAP1
Supplies
tPOR
(1)(2)
VCAP = 1.1V
1.1V
tBG
(1)
tRST
18 × tCLK
Start using
device
RESET
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
11 Power Supply Recommendations
The ADS129x have three power supplies: AVDD, AVDD1, and DVDD. For best performance, both AVDD and
AVDD1 must be as quiet as possible. AVDD1 provides the supply to the charge pump block and has transients
at fCLK. Therefore, star connect AVDD1 and AVSS1 to AVDD and AVSS. It is important to eliminate noise from
AVDD and AVDD1 that is nonsynchronous with ADS129x operation. Bypass each ADS129x supply with 1-
μF
and 0.1-
μF solid ceramic capacitors. For best performance, place the digital circuits (DSP, microcontrollers,
FPGAs, and so forth) in the system so that the return currents on those devices do not cross the analog return
path of the ADS129x. Power the ADS129x from unipolar or bipolar supplies.
Use surface-mount, low-cost, low-profile, multilayer ceramic-type capacitors for decoupling. In most cases, the
VCAP1 capacitor is also a multilayer ceramic; however, in systems where the board is subjected to high- or low-
frequency vibration, install a nonferroelectric capacitor, such as a tantalum or class 1 capacitor (C0G or NPO).
EIA class 2 and class 3 dielectrics such as (X7R, X5R, X8R, and so forth) are ferroelectric. The piezoelectric
property of these capacitors can appear as electrical noise coming from the capacitor. When using internal
reference, noise on the VCAP1 node results in performance degradation.
11.1 Power-Up Sequencing
Before device power up, all digital and analog inputs must be low. At the time of power up, keep all of these
signals low until the power supplies have stabilized, as shown in Figure 105.
Allow time for the supply voltages to reach their final value, and then begin supplying the master clock signal to
the CLK pin. Wait for time tPOR, then transmit a reset pulse using either the RESET pin or RESET command to
initialize the digital portion of the chip. Issue the reset after tPOR or after the VCAP1 voltage is greater than 1.1 V,
whichever time is longer. Note that:
•
tPOR is described in Table 38.
•
The VCAP1 pin charge time is set by the RC time constant; see Figure 31.
After releasing the RESET pin, program the configuration registers; see the CONFIG1: Configuration Register 1
(address = 01h) (reset = 06h) section for details. The power-up sequence timing is shown in Table 38.
(1)
Timing to reset pulse is tPOR or after tBG, whichever is longer.
(2)
When using an external clock, tPOR timing does not start until CLK is valid.
Figure 105. Power-Up Timing Diagram
Table 38. Timing Requirements for Figure 105
MIN
MAX
UNIT
tPOR
Wait after power up until reset
218
tCLK
tRST
Reset low duration
2
tCLK
96
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com