Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 71 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 67Page - Texas Instruments ADS1294CZXGR Datasheet HTML 68Page - Texas Instruments ADS1294CZXGR Datasheet HTML 69Page - Texas Instruments ADS1294CZXGR Datasheet HTML 70Page - Texas Instruments ADS1294CZXGR Datasheet HTML 71Page - Texas Instruments ADS1294CZXGR Datasheet HTML 72Page - Texas Instruments ADS1294CZXGR Datasheet HTML 73Page - Texas Instruments ADS1294CZXGR Datasheet HTML 74Page - Texas Instruments ADS1294CZXGR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
9.6.1.6 CHnSET: Individual Channel Settings (n = 1 to 8) (address = 05h to 0Ch) (reset = 00h)
The CH[1:8]SET control register configures the power mode, PGA gain, and multiplexer settings channels. See
the Input Multiplexer section for details. CH[2:8]SET are similar to CH1SET, corresponding to the respective
channels.
Figure 79. CHnSET: Individual Channel Settings Register
7
6
5
4
3
2
1
0
PDn
GAINn[2:0]
0
MUXn[2:0]
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 22. Individual Channel Settings (n = 1 to 8) Field Descriptions
Bit
Field
Type
Reset
Description
7
PDn
R/W
0h
Power-down
This bit determines the channel power mode for the
corresponding channel.
0 = Normal operation
1 = Channel power-down.
When powering down a channel, TI recommends that the
channel be set to input short by setting the appropriate
MUXn[2:0] = 001 of the CHnSET register.
6:4
GAINn[2:0]
R/W
0h
PGA gain
These bits determine the PGA gain setting.
000 = 6
001 = 1
010 = 2
011 = 3
100 = 4
101 = 8
110 = 12
3
RESERVED
R/W
0h
Reserved
Always write 0h
2:0
MUXn[2:0]
R/W
0h
Channel input
These bits determine the channel input selection.
000 = Normal electrode input
001 = Input shorted (for offset or noise measurements)
010 = Used in conjunction with RLD_MEAS bit for RLD
measurements. See the Right Leg Drive (RLD) DC Bias Circuit
subsection of the ECG-Specific Functions section for more
details.
011 = MVDD for supply measurement
100 = Temperature sensor
101 = Test signal
110 = RLD_DRP (positive electrode is the driver)
111 = RLD_DRN (negative electrode is the driver)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com