Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 70 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 66Page - Texas Instruments ADS1294CZXGR Datasheet HTML 67Page - Texas Instruments ADS1294CZXGR Datasheet HTML 68Page - Texas Instruments ADS1294CZXGR Datasheet HTML 69Page - Texas Instruments ADS1294CZXGR Datasheet HTML 70Page - Texas Instruments ADS1294CZXGR Datasheet HTML 71Page - Texas Instruments ADS1294CZXGR Datasheet HTML 72Page - Texas Instruments ADS1294CZXGR Datasheet HTML 73Page - Texas Instruments ADS1294CZXGR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
9.6.1.5 LOFF: Lead-Off Control Register (address = 04h) (reset = 00h)
The lead-off control register configures the lead-off detection operation.
Figure 78. LOFF: Lead-Off Control Register
7
6
5
4
3
2
1
0
COMP_TH2[2:0]
VLEAD_OFF_E
ILEAD_OFF[1:0]
FLEAD_OFF[1:0]
N
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 21. Lead-Off Control Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
COMP_TH[2:0]
R/W
0h
Lead-off comparator threshold
Comparator positive side
000 = 95%
001 = 92.5%
010 = 90%
011 = 87.5%
100 = 85%
101 = 80%
110 = 75%
111 = 70%
Comparator negative side
000 = 5%
001 = 7.5%
010 = 10%
011 = 12.5%
100 = 15%
101 = 20%
110 = 25%
111 = 30%
4
VLEAD_OFF_EN
R/W
0h
Lead-off detection mode
This bit determines the lead-off detection mode.
0 = Current source mode lead-off
1 = pullup or pulldown resistor mode lead-off
3:2
ILEAD_OFF[1:0]
R/W
0h
Lead-off current magnitude
These bits determine the magnitude of current for the current
lead-off mode.
00 = 6 nA
01 = 12 nA
10 = 18 nA
11 = 24 nA
1:0
FLEAD_OFF[1:0]
R/W
0h
Lead-off frequency
These bits determine the frequency of lead-off detect for each
channel.
00 = When any bits of the LOFF_SENSP or LOFF_SENSN
registers are turned on, make sure that FLEAD[1:0] are either
set to 01 or 11
01 = AC lead-off detection at fDR / 4
10 = Do not use
11 = DC lead-off detection turned on
70
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com