Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 76 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 76 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 72Page - Texas Instruments ADS1294CZXGR Datasheet HTML 73Page - Texas Instruments ADS1294CZXGR Datasheet HTML 74Page - Texas Instruments ADS1294CZXGR Datasheet HTML 75Page - Texas Instruments ADS1294CZXGR Datasheet HTML 76Page - Texas Instruments ADS1294CZXGR Datasheet HTML 77Page - Texas Instruments ADS1294CZXGR Datasheet HTML 78Page - Texas Instruments ADS1294CZXGR Datasheet HTML 79Page - Texas Instruments ADS1294CZXGR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
9.6.1.11 LOFF_FLIP: Lead-Off Flip Register (address = 11h) (reset = 00h)
This register controls the direction of the current used for lead-off derivation. See the Lead-Off Detection section
for details.
Figure 84. LOFF_FLIP: Lead-Off Flip Register
7
6
5
4
3
2
1
0
LOFF_FLIP8
LOFF_FLIP7
LOFF_FLIP6
LOFF_FLIP5
LOFF_FLIP4
LOFF_FLIP3
LOFF_FLIP2
LOFF_FLIP1
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 27. Lead-Off Flip Register Field Descriptions
Bit
Field
Type
Reset
Description
7
LOFF_FLIP8
R/W
0h
Channel 8 LOFF polarity flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 8 for lead-off derivation.
0: No Flip: IN8P is pulled to AVDD and IN8N pulled to AVSS
1: Flipped: IN8P is pulled to AVSS and IN8N pulled to AVDD
6
LOFF_FLIP7
R/W
0h
Channel 7 LOFF polarity flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 7 for lead-off derivation.
0: No Flip: IN7P is pulled to AVDD and IN7N pulled to AVSS
1: Flipped: IN7P is pulled to AVSS and IN7N pulled to AVDD
5
LOFF_FLIP6
R/W
0h
Channel 6 LOFF polarity flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 6 for lead-off derivation.
0: No Flip: IN6P is pulled to AVDD and IN6N pulled to AVSS
1: Flipped: IN6P is pulled to AVSS and IN6N pulled to AVDD
4
LOFF_FLIP5
R/W
0h
Channel 5 LOFF polarity flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 5 for lead-off derivation.
0: No Flip: IN5P is pulled to AVDD and IN5N pulled to AVSS
1: Flipped: IN5P is pulled to AVSS and IN5N pulled to AVDD
3
LOFF_FLIP4
R/W
0h
Channel 4 LOFF polarity flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 4 for lead-off derivation.
0: No Flip: IN4P is pulled to AVDD and IN4N pulled to AVSS
1: Flipped: IN4P is pulled to AVSS and IN4N pulled to AVDD
2
LOFF_FLIP3
R/W
0h
Channel 3 LOFF polarity flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 3 for lead-off derivation.
0: No Flip: IN3P is pulled to AVDD and IN3N pulled to AVSS
1: Flipped: IN3P is pulled to AVSS and IN3N pulled to AVDD
1
LOFF_FLIP2
R/W
0h
Channel 2 LOFF Polarity Flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 2 for lead-off derivation.
0: No Flip: IN2P is pulled to AVDD and IN2N pulled to AVSS
1: Flipped: IN2P is pulled to AVSS and IN2N pulled to AVDD
0
LOFF_FLIP1
R/W
0h
Channel 1 LOFF Polarity Flip
Flip the pullup/pulldown polarity of the current source or resistor
on channel 1 for lead-off derivation.
0: No Flip: IN1P is pulled to AVDD and IN1N pulled to AVSS
1: Flipped: IN1P is pulled to AVSS and IN1N pulled to AVDD
76
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com