Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 94 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 94 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 90Page - Texas Instruments ADS1294CZXGR Datasheet HTML 91Page - Texas Instruments ADS1294CZXGR Datasheet HTML 92Page - Texas Instruments ADS1294CZXGR Datasheet HTML 93Page - Texas Instruments ADS1294CZXGR Datasheet HTML 94Page - Texas Instruments ADS1294CZXGR Datasheet HTML 95Page - Texas Instruments ADS1294CZXGR Datasheet HTML 96Page - Texas Instruments ADS1294CZXGR Datasheet HTML 97Page - Texas Instruments ADS1294CZXGR Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
)
R
R
(1
v
v
2
3
i
o

ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
10.2.2.2 Detailed Design Procedure
The pace amplifiers on the ADS129x provides differential to single-ended conversion and amplification of 0.4 V/V
to whatever voltage appears at the output of the PGA of the channel from which the pace amplifier is routed.
Selecting which channels are routed to the pace amplifiers is performed in the pace detect register of the
ADS129x. The voltage that appears at the output of the pace amplifier is to be taken with respect to analog
midsupply.
Before the signal is converted by the ADS7042, the signal must be buffered by a high-speed op amp because
the inputs of the ADS7042 represent a switch-capacitor type load. The OPA320 is ideal to perform this function
because of the low input bias current and 20-MHz unity gain bandwidth. The op amp also provides the flexibility
to provide an extra gain stage before the SAR ADC, isolate filter stages, or to provide simple buffering. The
purpose of C1 and R1 are to provide ac coupling to the pacemaker detection signal. This coupling may be
necessary because electrode offset and the pacemaker pulse can both be, in some cases, up to a few hundred
millivolts.
An actively-driven signal ground is required to set the dc bias of the op amp at midsupply. It is possible to use
the voltage provided at VCAP2 on the ADS129x as a buffered midsupply voltage. The voltage at the VCAP2 pin
may be noisy, but using it to drive the common-mode voltage for both inverting and noninverting inputs to the op
amp causes the op amp to cancel that noise significantly because it is common to both inputs.
Op amp feedback resistors R4 and R5 set the gain for the OPA320. The transfer function for this configuration is
that of the noninverting op amp configuration shown in Equation 12.
(12)
Resistors R4 and R5 are chosen to set the desired gain. The series combination is approximately 100 kΩ, so that
both the feedback current is limited to within the ADS129x VCAP2 internal regulator drive strength, and the
Johnson-Nyquist noise of the resistors remains negligible.
If the OPA320 is to be used only as a buffer, remove R4 removed to provide unity gain. If ac coupling is not
desired, for best performance, replace C1 with a 0-Ω resistor and depopulate R1.
The RC network of R2, C2, R3, C3, R6, C4, R7, and C5 form isolated two-pole RC antialiasing filters for the SAR
ADC. The component values of the filter are set to provide significant attenuation at the ADC sampling
frequency, but still provide enough bandwidth to detect a pacemaker pulse. A bandwidth of greater than 2 kHz is
enough to capture a narrow 0.5-ms pacemaker pulse.
In a real-time system, data must be collected and analyzed for a pacemaker with each incoming sample. Digitally
filter data that are collected from the ADS7042 to remove out-of-band noise. Unlike a delta-sigma converter, a
SAR converter does not apply a filter to the data before it is sent to the host. There are a number of factors that
drive a decision on digital-filter implementation. Some of those factors include steepness of the response, phase
linearity, and the number of taps. When using this topology with an ADS129xR device simultaneously with the
respiration measurement circuitry, take special care to remove noise generated by the respiration modulation
circuitry.
The key to detecting a pacemaker pulse is the detection of a steep transition in the input voltage. To measure
the magnitude of the transitions in input voltages, apply a digital differentiator algorithm. The algorithm measures
the change in voltage magnitude over the span of a few samples and compares the change to a threshold
required to trigger detection. The following pseudocode exemplifies some of the processing steps required to use
this topology:
newDataPoint = collectFromADS7042( );
// Collect data from the ADS7042
// Apply combined low-pass filter and differentiator
inputRateOfChange = LPFandDifferentiator( newDataPoint );
if( abs( inputRateOfChange ) > thresholdValue )
// Check if a quick edge occurred
{
pacemakerFlag = true;
// Edge detected
}
94
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com