Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 47 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 43Page - Texas Instruments ADS1294CZXGR Datasheet HTML 44Page - Texas Instruments ADS1294CZXGR Datasheet HTML 45Page - Texas Instruments ADS1294CZXGR Datasheet HTML 46Page - Texas Instruments ADS1294CZXGR Datasheet HTML 47Page - Texas Instruments ADS1294CZXGR Datasheet HTML 48Page - Texas Instruments ADS1294CZXGR Datasheet HTML 49Page - Texas Instruments ADS1294CZXGR Datasheet HTML 50Page - Texas Instruments ADS1294CZXGR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
GPIO4
GPIO2
t
BLKDLY
(Blocki g
n Si n l)
g a
t
PHASE
(ModulationCl ck)
o
Ch1
ADC
Modulation
Block
Demodulation
Block
RESP_CTRL[1:0]
Ch1
PGA
RespirationClock
Generator
CLK
I/O
I/O
I/O
RESP_CTRL[1:0]
GPIO3
GPIO4
GPIO2
RESP_MODP
RESP_MODN
IN1P
IN1N
EMI
Filter
MUX
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
9.3.1.7.8.2
Internal Respiration Circuitry with Internal Clock (RESP_CTRL = 10b, ADS129xR Only)
Figure 49 shows a block diagram of the internal respiration circuitry. The internal modulation and demodulator
circuitry can be selectively used.
The modulation block is controlled by the RESP_MOD_EN bit and the demodulation block is controlled by the
RESP_DEMOD_EN bit. The modulation signal is a square wave of magnitude VREFP – AVSS. Using this
option, the output of the modulation circuitry is available at the RESP_MODP and RESP_MODN pins of the
device. This availability allows custom filtering to be added to the square-wave modulation signal. Using this
option, GPIO2, GPIO3, and GPIO4 can be used for other purposes. The modulation frequency is either 64 kHz
or 32 kHz, as set by the RESP_FREQ[2:0] bits in the CONFIG4 register. The phase of the internal demodulation
signal is set by the RESP_PH[2:0] bits in the RESP register.
When this respiration option is enabled, ADS129xR channel 1 cannot be used to acquire ECG signals. If the RA
and LA leads are intended to measure respiration and ECG signals, wire the two leads into channel 1 for
respiration and channel 2 for ECG signals.
Figure 49. Internal Respiration Block Diagram
9.3.1.7.8.3
Internal Respiration Circuitry With User-Generated Signals (RESP_CTRL = 11b, ADS129xR Only)
In this mode GPIO2, GPIO3, and GPIO4 are automatically configured as inputs and cannot be used for other
purposes. The signals must be provided as described in Figure 50. Do not use the internal master clock in this
mode.
Figure 50. Internal Respiration (RESP_CTRL = 11b) Timing Diagram
Table 10. Swtiching Characteristics for Figure 50 (1)
1.65 V
≤ DVDD ≤ 3.6V
UNIT
PARAMETER
MIN
TYP
MAX
tPHASE
Respiration phase delay
0
157.5
Degrees
tBLKDLY
Modulation clock rising edge to XOR signal
0
5
ns
(1)
Specifications apply from –40°C to 85°C.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com