Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 46 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 42Page - Texas Instruments ADS1294CZXGR Datasheet HTML 43Page - Texas Instruments ADS1294CZXGR Datasheet HTML 44Page - Texas Instruments ADS1294CZXGR Datasheet HTML 45Page - Texas Instruments ADS1294CZXGR Datasheet HTML 46Page - Texas Instruments ADS1294CZXGR Datasheet HTML 47Page - Texas Instruments ADS1294CZXGR Datasheet HTML 48Page - Texas Instruments ADS1294CZXGR Datasheet HTML 49Page - Texas Instruments ADS1294CZXGR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
Respiration
Modulation
Generator
RESP_PH[2:0]
CLK
(2.048MHz)
ModulationClock
DemodulationClock
GPIO4
GPIO3
GPIO2
GPIO3
GPIO4
GPIO2
t
BLKDLY
(DemodulationClock)
(Blocki g
n Si n l)
g a
t
PHASE
(ModulationCl ck)
o
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
9.3.1.7.8
Respiration
As shown in Table 8, the ADS129xR provide three options for respiration impedance measurement: external
respiration, internal respiration using on-chip modulation signals, and internal respiration using user-generated
modulation signals. The ADS129x provides only external respiration impedance measurement.
Table 8. Respiration Control
RESP.RESP_CTRL[1]
RESP.RESP_CTRL[0]
DESCRIPTION
MODE AVAILABLE
0
0
Respiration disabled
ADS129x, ADS129xR
Generates modulation and demodulation signals for external
0
1
respiration circuitry. RESP_CLK signals on GPIO2, GPIO3,
ADS129x, ADS129xR
and GPIO4.
Respiration measurement using internally-generated
1
0
ADS129xR
RESP_MOD signals.
Respiration measurement using user-generated modulation
1
1
ADS129xR(1)
and blocking signal.
(1)
Do not set RESP_CTRL[1:0] = 11 if CLKSEL = 1 (internal master clock).
For more information on respiration impedance measurement, see Respiration Rate Measurement Using
Impedance Pneumography, SBAA181.
9.3.1.7.8.1
External Respiration Circuitry (RESP_CTRL = 01b)
With this option, GPIO2, GPIO3, and GPIO4 are automatically configured as outputs. The phase relationship
between the signals is shown in Figure 47. GPIO2 is the exclusive-OR of GPIO3 and GPIO4, as shown in
Figure 48. GPIO3 is the modulation signal, and GPIO4 is the demodulation signal. While using this option, the
general-purpose pin functions of GPIO2, GPIO3, and GPIO4 are not available. The modulation frequency is set
to either 64 kHz or 32 kHz by using the RESP_FREQ[2:0] bits in the CONFIG4 register. The remaining bit
options of RESP_FREQ[2:0] generate square waves on GPIO3 and GPIO4. The exclusive-OR out on GPIO2 is
only available in 64-kHz or 32-kHz. The phase of GPIO4, relative to GPIO3, is set by RESP_PH[2:0] bits in the
RESP register.
Use this option to implement custom respiration impedance circuitry external to the ADS129x.
Figure 47. External Respiration (RESP_CTRL = 01b)
Figure 48. External Respiration (RESP_CTRL = 01b) Block
Timing
Diagram
Table 9. Switching Characteristics for Figure 47(1)
2.7 V
≤ DVDD ≤ 3.6 V
1.65 V
≤ DVDD ≤ 2 V
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPHASE
Respiration phase delay, set by RESP.RESP_PH[2:0]
22.5
157.5
22.5
157.5
Degrees
tBLKDLY
Modulation clock rising edge to XOR signal
1
5
ns
(1)
Specifications apply from –40°C to 85°C.
46
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com