Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 74 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 74 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 70Page - Texas Instruments ADS1294CZXGR Datasheet HTML 71Page - Texas Instruments ADS1294CZXGR Datasheet HTML 72Page - Texas Instruments ADS1294CZXGR Datasheet HTML 73Page - Texas Instruments ADS1294CZXGR Datasheet HTML 74Page - Texas Instruments ADS1294CZXGR Datasheet HTML 75Page - Texas Instruments ADS1294CZXGR Datasheet HTML 76Page - Texas Instruments ADS1294CZXGR Datasheet HTML 77Page - Texas Instruments ADS1294CZXGR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
9.6.1.9 LOFF_SENSP: Positive Signal Lead-Off Detection Register (address = 0Fh) (reset = 00h)
This register selects the positive side from each channel for lead-off detection. See the Lead-Off Detection
section for details. The LOFF_STATP register bits are only valid if the corresponding LOFF_SENSP bits are set
to 1.
Registers bits[5:4] are not available for the ADS1294 or ADS1294R. Bits[7:6] are not available for the ADS1294,
ADS1294R, ADS1296, or ADS1296R.
Figure 82. LOFF_SENSP: Positive Signal Lead-Off Detection Register
7
6
5
4
3
2
1
0
LOFF8P
LOFF7P
LOFF6P
LOFF5P
LOFF4P
LOFF3P
LOFF2P
LOFF1P
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 25. Positive Signal Lead-Off Detection Field Descriptions
Bit
Field
Type
Reset
Description
7
LOFF8P
R/W
0h
IN8P lead off
Enable lead-off detection on IN8P
0: Disabled
1: Enabled
6
LOFF7P
R/W
0h
IN7P lead off
Enable lead-off detection on IN7P
0: Disabled
1: Enabled
5
LOFF6P
R/W
0h
IN6P lead off
Enable lead-off detection on IN6P
0: Disabled
1: Enabled
4
LOFF5P
R/W
0h
IN5P lead off
Enable lead-off detection on IN5P
0: Disabled
1: Enabled
3
LOFF4P
R/W
0h
IN4P lead off
Enable lead-off detection on IN4P
0: Disabled
1: Enabled
2
LOFF3P
R/W
0h
IN3P lead off
Enable lead-off detection on IN3P
0: Disabled
1: Enabled
1
LOFF2P
R/W
0h
IN2P lead off
Enable lead-off detection on IN2P
0: Disabled
1: Enabled
0
LOFF1P
R/W
0h
IN1P lead off
Enable lead-off detection on IN1P
0: Disabled
1: Enabled
74
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com