Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 91 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 91 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 87Page - Texas Instruments ADS1294CZXGR Datasheet HTML 88Page - Texas Instruments ADS1294CZXGR Datasheet HTML 89Page - Texas Instruments ADS1294CZXGR Datasheet HTML 90Page - Texas Instruments ADS1294CZXGR Datasheet HTML 91Page - Texas Instruments ADS1294CZXGR Datasheet HTML 92Page - Texas Instruments ADS1294CZXGR Datasheet HTML 93Page - Texas Instruments ADS1294CZXGR Datasheet HTML 94Page - Texas Instruments ADS1294CZXGR Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
R
=
NORMALIZED
R
I
´
ACTUAL
ACTUAL
29 A
m
10
9.5
9
8.5
8
7.5
7
6.5
6
NormalizedBaselineRespirationImpedance( )
W
3690
4845
2214
15258
8076
9155
Phase=112.5,PGA=4
Phase=112.5,PGA=3
Phase=135,PGA=4
Phase=135,PGA=3
20
18
16
14
12
10
8
6
NormalizedBaselineRespirationImpedance( )
W
3690
4845
2214
15258
8076
9155
Phase=135,PGA=3
Phase=135,PGA=2
Phase=157,PGA=3
Phase=157,PGA=2
R
40.2 kW
2
R
2.21 k
BASELINE
W
R
40.2 kW
2
IN1P
RESP_MODP
RESP_MODN
IN1N
ADS129xR
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
Figure 99 shows a respiration test circuit. Figure 100 and Figure 101 plot noise on channel 1 for the ADS129xR
as baseline impedance, gain, and phase are swept. The x-axis is the baseline impedance, normalized to a 29-
μA
modulation current (see Equation 11).
Figure 99. Respiration-Noise Test Circuit
BW = 150 Hz, respiration modulation clock = 32 kHz
BW = 150 Hz, respiration modulation clock = 64 kHz
Figure 100. Channel-1 Noise vs Impedance for 32-kHz
Figure 101. Channel-1 Noise vs Impedance for 64-kHz
Modulation Clock and Phase
Modulation Clock and Phase
where
•
RACTUAL is the baseline body impedance.
•
IACTUAL is the modulation current, as calculated by (VREFP – VREFN) divided by the impedance of the
modulation circuit.
(11)
For example, assume that:
•
Modulation frequency = 32 kHz
•
RACTUAL = 3 kΩ
•
IACTUAL = 50 μA
•
RNORMALIZED = (3 kΩ × 50 μA) / 29 μA = 5.1 kΩ
Referring to Figure 100 and Figure 101, gain = 4 and phase = 112.5° yield the best performance at 6.4
μVPP.
Low-pass filtering this signal with a high-order, 2-Hz cutoff reduces the noise to less than 600 nVPP. The
impedance resolution is 600 nVPP / 29 μA = 20 mΩ. When the modulation frequency is 32 kHz, use gains of 3
and 4, and a phase of 112.5° and 135° for best performance. When the modulation frequency is 64 kHz, use
gains of 2 and 3 and phase of 135° and 157° for best performance.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
91
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com