Electronic Components Datasheet Search
  English  ▼

X  

ADS1294CZXGR Datasheet(PDF) 103 Page - Texas Instruments

Part # ADS1294CZXGR
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1294CZXGR Datasheet(HTML) 103 Page - Texas Instruments

Back Button ADS1294CZXGR Datasheet HTML 99Page - Texas Instruments ADS1294CZXGR Datasheet HTML 100Page - Texas Instruments ADS1294CZXGR Datasheet HTML 101Page - Texas Instruments ADS1294CZXGR Datasheet HTML 102Page - Texas Instruments ADS1294CZXGR Datasheet HTML 103Page - Texas Instruments ADS1294CZXGR Datasheet HTML 104Page - Texas Instruments ADS1294CZXGR Datasheet HTML 105Page - Texas Instruments ADS1294CZXGR Datasheet HTML 106Page - Texas Instruments ADS1294CZXGR Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 114 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
ADS1298IPAGR
Active
Production
TQFP (PAG) | 64
1500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS1298
ADS1298IPAGR.A
Active
Production
TQFP (PAG) | 64
1500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS1298
ADS1298IPAGR.B
Active
Production
TQFP (PAG) | 64
1500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS1298
ADS1298IPAGRG4
Active
Production
TQFP (PAG) | 64
1500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS1298
ADS1298IPAGRG4.A
Active
Production
TQFP (PAG) | 64
1500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS1298
ADS1298IPAGRG4.B
Active
Production
TQFP (PAG) | 64
1500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS1298
ADS1298RIZXGR
Active
Production
NFBGA (ZXG) | 64
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
ADS1298R
ADS1298RIZXGR.A
Active
Production
NFBGA (ZXG) | 64
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
ADS1298R
ADS1298RIZXGR.B
Active
Production
NFBGA (ZXG) | 64
1000 | LARGE T&R
-
Call TI
Call TI
-40 to 85
ADS1298RIZXGT
Active
Production
NFBGA (ZXG) | 64
250 | SMALL T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
ADS1298R
ADS1298RIZXGT.A
Active
Production
NFBGA (ZXG) | 64
250 | SMALL T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 85
ADS1298R
ADS1298RIZXGT.B
Active
Production
NFBGA (ZXG) | 64
250 | SMALL T&R
-
Call TI
Call TI
-40 to 85
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Addendum-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com