Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 17Page - Texas Instruments TAS5548 Datasheet HTML 18Page - Texas Instruments TAS5548 Datasheet HTML 19Page - Texas Instruments TAS5548 Datasheet HTML 20Page - Texas Instruments TAS5548 Datasheet HTML 21Page - Texas Instruments TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Table 2. Values Set During Reset
CONTROL
SETTING
Output mixer configuration
0xD0 bit 30 = 0 (remapped output mixer configuration)
High pass
Enabled
Unmute from clock error
Hard unmute
Input automute
Enabled
Output automute
Enabled
Serial data interface format
I2S, 24-bit
Individual channel mute
No channels are muted
Automute delay
14.9 ms
Automute threshold 1
< 8 bits
Automute threshold 2
Same as automute threshold 1
Modulation limit
93.7% (Note: Some power stages require a lower
modulation index)
Six- or eight-channel configuration
Eight channels
Volume and mute update rate
Volume ramp 42.6 ms
Treble and bass slew rate
Update every 1.31 ms
Bank switching
Manual bank selection is enabled
Biquad coefficients
Set to all pass
Input mixer coefficients
Input N
→ Channel N, no attenuation
Output mixer coefficients
Channel N
→ Output N, no attenuation
Subwoofer sum into Ch1 and Ch2
Gain of 0
Ch1 and Ch2 sum in subwoofer
Gain of 0
Bass and treble bypass/inline
Bypass
DRC bypass/inline
Bypass
DRC
Default values
Master volume
Mute
Individual channel volumes
0 dB
All bass and treble indexes
0 dB
Treble filter sets
Filter set 3
Bass filter sets
Filter set 3
Loudness
Loudness disabled, default values
AM interference mode enable
Disabled
AM interference mode IF
455 kHz
AM interference mode select sequence
1
AM interference mode tuned frequency and
0000, BCD
input mode
After the initialization time, the TAS5548 starts the transition to the operational state with the master volume set
at mute.
Because the TAS5548 has an internal oscillator time base, following the release of reset, oscillator trim
command is needed so the TAS5548 can detect the MCLK and data rate and perform the initialization
sequences. The PWM outputs are held at a mute state until the master volume is set to a value other than mute
via I2C.
7.3.6.2.2
Power Down (PDN)
The TAS5548 can be placed into the power-down mode by holding the PDN terminal low. When the power-down
mode is entered, both the PLL and the oscillator are shut down. Volume is immediately set to full attenuation
(there is no ramp down). This control uses the PWM mute sequence that provides a low click and pop transition
to a non PWM switching mute state.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com