Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 59 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 55Page - Texas Instruments TAS5548 Datasheet HTML 56Page - Texas Instruments TAS5548 Datasheet HTML 57Page - Texas Instruments TAS5548 Datasheet HTML 58Page - Texas Instruments TAS5548 Datasheet HTML 59Page - Texas Instruments TAS5548 Datasheet HTML 60Page - Texas Instruments TAS5548 Datasheet HTML 61Page - Texas Instruments TAS5548 Datasheet HTML 62Page - Texas Instruments TAS5548 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6.2 Serial-Control Interface Register Definitions
Unless otherwise noted, the I2C register default values are in bold font.
Note that u indicates unused/reserved bits.
7.6.2.1 General Status Register 0 (0x01)
Table 15. General Status Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
1
0
0
Identification code for TAS5548
7.6.2.2 Error Status Register (0x02)
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software must
clear the register (write zeroes) and then read them to determine if there are any persistent errors. Bits D7-D4
are reserved.
Table 16. Error Status Register (0x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
1
–
–
–
Frame Slip
–
–
–
–
–
1
–
–
Clip Indicator
–
–
–
–
–
–
1
–
Faultz
0
0
0
0
0
0
0
0
No Errors
7.6.2.3 System Control Register 1 (0x03)
Bits D1 and D0 are Reserved.
Table 17. System Control Register-1 Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
–
–
–
–
–
–
–
PWM high pass disabled
1
–
–
–
–
–
–
–
PWM high pass enabled
–
1
–
–
–
–
–
–
PSVC HIZ Enable
–
0
–
–
–
–
–
–
PSVC HIZ Disable
–
–
0
–
–
–
–
–
Soft Unmute on Recovery from Clock Error
–
–
1
–
–
–
–
–
Hard Unmute on Recovery from Clock Error
–
–
–
0
–
–
–
–
All Channel enable
–
–
–
1
–
–
–
–
All Channel Shutdown
–
–
–
–
0
–
–
–
Enable Clock Auto Detect (Always set to 0 for correct operation)
–
–
–
–
1
–
–
–
Disable Clock Auto Detect
–
–
–
–
–
0
–
–
PWM MidZ Enable (No By-pass)
–
–
–
–
–
1
–
–
PWM MidZ Bypass
–
–
–
–
–
–
0
0
Reserved: Do not change B0 and B1 from 00.
–
–
–
–
–
–
0
1
Reserved:
–
–
–
–
–
–
1
0
Reserved:
–
–
–
–
–
–
1
1
Reserved:
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com