Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 60 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 56Page - Texas Instruments TAS5548 Datasheet HTML 57Page - Texas Instruments TAS5548 Datasheet HTML 58Page - Texas Instruments TAS5548 Datasheet HTML 59Page - Texas Instruments TAS5548 Datasheet HTML 60Page - Texas Instruments TAS5548 Datasheet HTML 61Page - Texas Instruments TAS5548 Datasheet HTML 62Page - Texas Instruments TAS5548 Datasheet HTML 63Page - Texas Instruments TAS5548 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.6.2.4 System Control Register 2 (0x04)
Bit D3 is reserved.
Table 18. System Control Register-2 Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
–
–
–
–
–
–
–
Unmute Threshold 6 dB over Input Threshold
1
–
–
–
–
–
–
–
Unmute Threshold equal to Input Threshold
–
0
–
–
–
–
–
–
All channel auto-mute timeout disable
–
1
–
–
–
–
–
–
All channel auto-mute timeout enable
–
–
0
–
–
–
–
–
Disable channel group
–
–
1
–
–
–
–
–
Enable channel group
–
–
–
0
–
–
–
–
Enable DAP automute
–
–
–
1
–
–
–
–
Disable DAP automute
–
–
–
–
0
0
–
–
Normal Mode
–
–
–
–
–
1
–
–
Line out Mode
–
–
–
–
–
–
1
–
ASEL_EMO2 pin is input
–
–
–
–
–
–
0
–
ASEL_EMO2 pin is out output
–
–
–
–
–
–
–
0
No Output Downmix on SDOUT(TX SAP Disable)
–
–
–
–
–
–
–
1
Output Downmix on SDOUT. Dolby-out is enabled when this bit is
set and system is in normal mode
7.6.2.5 Channel Configuration Control Registers (0x05–0x0C)
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into 0x05, 0x06, 0x07, 0x08, 0x09, 0x0A, 0x0B, and 0x0C,
respectively.
Table 19. Channel Configuration Control Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Disable back-end reset sequence if all channels set to disable.
1
–
–
–
–
–
–
–
Enable back-end reset sequence.
–
0
–
–
–
–
–
–
RESERVED
–
1
–
–
–
–
–
–
RESERVED
–
–
0
–
–
–
–
–
RESERVED
–
–
1
–
–
–
–
–
RESERVED
–
–
–
0
–
–
–
–
Normal Back-End Polarity
–
–
–
1
–
–
–
–
Switches PWM+ and PWM– and inverts audio signal
–
–
–
–
0
–
–
–
RESERVED
–
–
–
–
1
–
–
–
RESERVED
–
–
–
–
–
0
–
–
RESERVED
–
–
–
–
–
1
–
–
RESERVED
–
–
–
–
–
–
0
–
RESERVED
–
–
–
–
–
–
1
–
RESERVED
60
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com