| Electronic Components Datasheet Search |
|
TAS5548 Datasheet(PDF) 92 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5548 Datasheet(HTML) 92 Page - Texas Instruments |
|
92 / 118 page ![]() TAS5548 SLES270A – NOVEMBER 2012 – REVISED APRIL 2015 www.ti.com Table 79. THD Manager Configuration I2C REGISTER DEFAULT TOTAL DESCRIPTION OF CONTENTS BYTES SUBADDRESS Fields STATE 0xE9 4 prescale THD Manager (pre) - provide boost if desired to clip 0080 0000 0xEA 4 postscale THD Manager (post) - cut clipping signal to final level 0080 0000 7.6.2.46 SDIN5 Input Mixer (0xEC–0xF3) Each gain coefficient is in 28-bit (5.23) format, so 0x80 0000 is a gain of 1. Each gain coefficient is written as a 32-bit word with the upper four bits not used. For eight gain coefficients, the total is 32 bytes. Table 80. SDIN5 Input Mixers I2C REGISTER DEFAULT TOTAL DESCRIPTION OF CONTENTS BYTES SUBADDRESS Fields STATE 0xEC 8 I_to_ipmix[1] SDIN5-left (Ch9) I to input mixer 1 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[1] SDIN5-right (Ch10) J to input mixer 1 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xED 8 I_to_ipmix[2] SDIN5-left (Ch9) I to input mixer 2 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[2] SDIN5-right (Ch10) J to input mixer 2 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xEE 8 I_to_ipmix[3] SDIN5-left (Ch9) I to input mixer 3 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[3] SDIN5-right (Ch10) J to input mixer 3 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xEF 8 I_to_ipmix[4] SDIN5-left (Ch9) I to input mixer 4 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[4] SDIN5-right (Ch10) J to input mixer 4 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xF0 8 I_to_ipmix[5] SDIN5-left (Ch9) I to input mixer 5 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[5] SDIN5-right (Ch10) J to input mixer 5 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xF1 8 I_to_ipmix[6] SDIN5-left (Ch9) I to input mixer 6 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[6] SDIN5-right (Ch10) J to input mixer 6 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xF2 8 I_to_ipmix[7] SDIN5-left (Ch9) I to input mixer 7 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[7] SDIN5-right (Ch10) J to input mixer 7 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 0xF3 8 I_to_ipmix[8] SDIN5-left (Ch9) I to input mixer 8 coefficient (default = 0) 0000 0000 u[31:28],L[27:0] J_to_ipmix[8] SDIN5-right (Ch10) J to input mixer 8 coefficient (default = 0) 0000 0000 u[31:28],R[27:0] 92 Submit Documentation Feedback Copyright © 2012–2015, Texas Instruments Incorporated Product Folder Links: TAS5548 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |