Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 49Page - Texas Instruments TAS5548 Datasheet HTML 50Page - Texas Instruments TAS5548 Datasheet HTML 51Page - Texas Instruments TAS5548 Datasheet HTML 52Page - Texas Instruments TAS5548 Datasheet HTML 53Page - Texas Instruments TAS5548 Datasheet HTML 54Page - Texas Instruments TAS5548 Datasheet HTML 55Page - Texas Instruments TAS5548 Datasheet HTML 56Page - Texas Instruments TAS5548 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6 Register Maps
7.6.1 Serial-Control I2C Register Summary
The TAS5548 slave write address is 0x36 and the read address is 0x37. See Serial-Control Interface Register
Definitions for complete bit definitions.
Note: Default stat is read immediately after device reset.
TOTAL
I2C
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE (hex)
BYTES
SUBADDRESS
0x01
1
General status register
ID code for the TAS5548
04
0x02
1
Error status register
CLIP and frame slip errors
00
PWM high pass, clock set, unmute
0x03
1
System control register 1
B0
select, PSVC select
Automute, Shutdown, Line out,
03
0x04
1
System control register 2
SDOUT
Channel configuration
Configure channels 1, 2, 3, 4, 5, 6, 7,
0x05–0x0C
1/reg.
E0
control registers
and 8
Headphone configuration
0x0D
1
Configure headphone output
00
control register
0x0E
1
Serial data interface control
Set serial data interface to right-
55
register
justified, I2S, or left-justified.
0x0F
1
Soft mute register
Soft mute for channels 1, 2, 3, 4, 5, 6,
00
7, and 8
0x10
1
Energy Managers Register
See Table 23
0A
0x11
1
Reserved
Do not Read or Write
RESERVED
0x12
1
Oscillator Trim
See
82
0x13
1
Reserved
Do not Read or Write
RESERVED
0x14
1
Automute control register
Set automute delay and threshold
44
0x15
1
Automute PWM threshold
Set PWM automute threshold; set
02
and back-end reset period
back-end reset period
register
0x16
1
Modulation Limit Reg
77
Set modulation index ch1 and ch2
(ch1 and 2)
0x17
1
Modulation Limit Reg
77
Set Modulation Index ch3 and ch4
(ch3 and 4)
0x18
1
Modulation Limit Reg
77
Set Modulation Index ch5 and ch6
(ch5 and 6)
0x19
1
Modulation Limit Reg
Set Modulation Index ch7 and ch8
77
(ch7 and 8)
0x1A
1
Reserved
Do not Read or Write
RESERVED
0x1B
1
IC Delay Channel 0
See Table 28
80
0x1C
1
IC Delay Channel 1
See Table 28
00
0x1D
1
IC Delay Channel 2
See Table 28
C0
0x1E
1
IC Delay Channel 3
See Table 28
40
0x1F
1
IC Delay Channel 4
See Table 28
A0
0x20
1
IC Delay Channel 5
See Table 28
20
0x21
1
IC Delay Channel 6
See Table 28
E0
0x22
1
IC Delay Channel 7
See Table 28
60
0x23
1
IC Offset Delay Reg
See Table 28
00
0x24
1
PWM sequence timing
See
0F
0x25
1
PWM and Energy Manager
See Table 30
80
Control Register
0x26
1
Reserved
Do not Read or Write
RESERVED
0x27
1
Individual Channel
See Table 31
00
Shutdown
0x28–0x2F
1
Reserved
Do not Read or Write
RESERVED
0x30
1
Input_Mux_ch1 and 2
See Table 32 and Table 33
01
0x31
1
Input_Mux_ch3 and 4
See Table 32 and Table 33
23
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com