Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 64 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 60Page - Texas Instruments TAS5548 Datasheet HTML 61Page - Texas Instruments TAS5548 Datasheet HTML 62Page - Texas Instruments TAS5548 Datasheet HTML 63Page - Texas Instruments TAS5548 Datasheet HTML 64Page - Texas Instruments TAS5548 Datasheet HTML 65Page - Texas Instruments TAS5548 Datasheet HTML 66Page - Texas Instruments TAS5548 Datasheet HTML 67Page - Texas Instruments TAS5548 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.6.2.11 Output Automute PWM Threshold and Back-End Reset Period Register (0x15)
For more information on how to use this register, see Automute and Mute Channel Controls,
Table 25. Automute PWM Threshold and Back-End Reset Period Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
–
–
–
–
Set PWM automute threshold equal to input automute threshold
0
0
0
1
–
–
–
–
Set PWM automute threshold +6dB over input automute threshold
0
0
1
0
–
–
–
–
Set PWM automute threshold +12dB over input automute threshold
0
0
1
1
–
–
–
–
Set PWM automute threshold +18dB over input automute threshold
0
1
0
0
–
–
–
–
Set PWM automute threshold +24dB over input automute threshold
0
1
0
1
–
–
–
–
Set PWM automute threshold +30dB over input automute threshold
0
1
1
0
–
–
–
–
Set PWM automute threshold +36dB over input automute threshold
0
1
1
1
–
–
–
–
Set PWM automute threshold +42dB over input automute threshold
1
0
0
0
–
–
–
–
Set PWM automute threshold equal to input automute threshold
1
0
0
1
–
–
–
–
Set PWM automute threshold -6dB below input automute threshold
1
0
1
0
–
–
–
–
Set PWM automute threshold -12dB below input automute threshold
1
0
1
1
–
–
–
–
Set PWM automute threshold -18dB below input automute threshold
1
1
0
0
–
–
–
–
Set PWM automute threshold -24dB below input automute threshold
1
1
0
1
–
–
–
–
Set PWM automute threshold -30dB below input automute threshold
1
1
1
0
–
–
–
–
Set PWM automute threshold -36dB below input automute threshold
1
1
1
1
–
–
–
–
Set PWM automute threshold -42dB below input automute threshold
–
–
–
–
0
0
0
0
Set back-end reset period < 1 ms
–
–
–
–
0
0
0
1
Set back-end reset period 70 ms
–
–
–
–
0
0
1
0
Set back-end reset period 80 ms
–
–
–
–
0
0
1
1
Set back-end reset period 220 ms
–
–
–
–
0
1
0
0
Set back-end reset period 360 ms
–
–
–
–
0
1
0
1
Set back-end reset period 500 ms
–
–
–
–
0
1
1
0
Set back-end reset period 660 ms
–
–
–
–
0
1
1
1
Set back-end reset period 800 ms
–
–
–
–
1
0
0
0
Set back-end reset period 940 ms
–
–
–
–
1
0
0
1
Set back-end reset period 1080 ms
–
–
–
–
1
0
1
0
Set back-end reset period 1220 ms
–
–
–
–
1
0
1
1
Set back-end reset period 1220 ms
–
–
–
–
1
1
X
X
Set back-end reset period 1220 ms
PWM Automute is in dB with respect to Input Automute Threshold. The Thresholds are approximate.
64
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com