Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 63 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 59Page - Texas Instruments TAS5548 Datasheet HTML 60Page - Texas Instruments TAS5548 Datasheet HTML 61Page - Texas Instruments TAS5548 Datasheet HTML 62Page - Texas Instruments TAS5548 Datasheet HTML 63Page - Texas Instruments TAS5548 Datasheet HTML 64Page - Texas Instruments TAS5548 Datasheet HTML 65Page - Texas Instruments TAS5548 Datasheet HTML 66Page - Texas Instruments TAS5548 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6.2.10 Automute Control Register (0x14)
Table 24. Automute Control Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
0
0
0
0
Set input automute and output automute delay to 2.98 ms
–
–
–
–
0
0
0
1
Set input automute and output automute delay to 4.47 ms
–
–
–
–
0
0
1
0
Set input automute and output automute delay to 5.96 ms
–
–
–
–
0
0
1
1
Set input automute and output automute delay to 7.45 ms
–
–
–
–
0
1
0
0
Set input automute and output automute delay to 14.9 ms
–
–
–
–
0
1
0
1
Set input automute and output automute delay to 29.8 ms
–
–
–
–
0
1
1
0
Set input automute and output automute delay to 44.7 ms
–
–
–
–
0
1
1
1
Set input automute and output automute delay to 59.6 ms
–
–
–
–
1
0
0
0
Set input automute and output automute delay to 74.5 ms
–
–
–
–
1
0
0
1
Set input automute and output automute delay to 89.4 ms
–
–
–
–
1
0
1
0
Set input automute and output automute delay to 104.3 ms
–
–
–
–
1
0
1
1
Set input automute and output automute delay to 119.2 ms
–
–
–
–
1
1
0
0
Set input automute and output automute delay to 134.1 ms
–
–
–
–
1
1
0
1
Set input automute and output automute delay to 149 ms
–
–
–
–
1
1
1
0
Set input automute and output automute delay to 163.9 ms
–
–
–
–
1
1
1
1
Set input automute and output automute delay to 178.8 ms
0
0
0
0
–
–
–
Set input automute threshold less than -90dBFS
0
0
0
1
–
–
–
–
Set input automute threshold less than -84dBFS
0
0
1
0
–
–
–
–
Set input automute threshold less than -78dBFS
0
0
1
1
–
–
–
–
Set input automute threshold less than -72dBFS
0
1
0
0
–
–
–
–
Set input automute threshold less than -66dBFS
0
1
0
1
–
–
–
–
Set input automute threshold less than -60dBFS
0
1
1
0
–
–
–
–
Set input automute threshold less than -54dBFS
1
1
1
1
–
–
–
–
Set input automute threshold less than -48dBFS
1
0
0
0
–
–
–
–
Set input automute threshold less than -42dBFS
1
0
0
1
–
–
–
–
RESERVED
1
0
1
0
–
–
–
–
RESERVED
1
0
1
1
–
–
–
–
RESERVED
1
1
0
0
–
–
–
–
RESERVED
1
1
0
1
–
–
–
–
RESERVED
1
1
1
0
–
–
–
–
RESERVED
1
1
1
1
–
–
–
–
RESERVED
Automute threshold are in dB with respect to a full-scale input signal. The thresholds are approximate.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com