Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 95 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 91Page - Texas Instruments TAS5548 Datasheet HTML 92Page - Texas Instruments TAS5548 Datasheet HTML 93Page - Texas Instruments TAS5548 Datasheet HTML 94Page - Texas Instruments TAS5548 Datasheet HTML 95Page - Texas Instruments TAS5548 Datasheet HTML 96Page - Texas Instruments TAS5548 Datasheet HTML 97Page - Texas Instruments TAS5548 Datasheet HTML 98Page - Texas Instruments TAS5548 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
TAS55x8
DVD Loader
Power Supply
Texas Instruments
Digital Audio Amplifier
MPEG Decoder
Front-Panel Controls
AM
FM
Tuner
B0012-03
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TAS5548 is a PWM modulator that can take in up to 10 serial audio channels with 8 fully-differential PWM
outputs, 2 fully-differential headphone PWM outputs, and up to 1 serial audio output. The eight PWM outputs can
support single-ended or bridge-tied load-configured H-bridge power stages with either AD or BD modulation. The
10 inputs can be mixed and mapped internally to different outputs. The TAS5548 is designed to seamlessly
interface with most digital decoders, and supports the DTS-HD specification and Blu-ray HTiB applications.
The TAS5548 also contains a DAP that can implement up to 56 biquads across the 8 channels for sampling
rates up to 96-kHz, and 22 for sampling rates above 96-kHz. Two 4-channel sample rate converters process the
inputs before passing the signals to the DAP. The TAS5548 can be driven by an external crystal or an external
MCLK. Two 3.3-V power supplies are required for a digital and analog supply.
8.2 Typical Applications
Typical applications for the TAS5548 are 6- to 8-channel audio systems such as DVD or AV receivers. Figure 45
shows the basic system diagram of the DVD receiver.
8.2.1 TAS5558 DVD Receiver Application
Figure 45. Typical TAS5548 Application (DVD Receiver)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 83 as the input parameters.
Table 83. Design Parameters
PARAMETER
VALUE
Device control method
Software control through I2C communication for register settings
Digital Audio input
Right-justified, I2S, or left-justified.
Power stage
Audio amplifier with PWM input
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com