Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 41Page - Texas Instruments TAS5548 Datasheet HTML 42Page - Texas Instruments TAS5548 Datasheet HTML 43Page - Texas Instruments TAS5548 Datasheet HTML 44Page - Texas Instruments TAS5548 Datasheet HTML 45Page - Texas Instruments TAS5548 Datasheet HTML 46Page - Texas Instruments TAS5548 Datasheet HTML 47Page - Texas Instruments TAS5548 Datasheet HTML 48Page - Texas Instruments TAS5548 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
GainCoefficient
32
Select
Output
N
28
32
GainCoefficient
32
28
32
Output
Select
Output
N
1,2,3,4,5,or6
GainCoefficient
32
Select
Output
N
28
32
GainCoefficient
32
28
32
Output
Select
Output
N
7or8
32
GainCoefficient
32
Select
Output
N
28
M0011-05
Lo
L
3dB
C
att
Ls
Ro
R
3dB
C
att
Rs
=
+ -
´
+
´
=
+ -
´
+
´
(
)
(
)
Lt
L
3dB
C
3dB
Ls
Rs
Rt
R
3dB
C
3dB
Ls
Rs
=
+ -
´
+ -
´ -
-
=
+ -
´
+ -
´
+
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
where Ls and Rs are phase shifted 90°
(6)
7.4.19.2 Left Only/Right Only (Lo/Ro)
Lo/Ro is a downmix suitable when mono compatibility is required. Lo/Ro destroys front/rear channel separation
information and thus a Dolby Pro Logic upmixer will not be able to properly extract 5.1 channels again.
where att = –3 dB, –6 dB, –9 dB or 0 dB
(7)
7.4.20 Output Mixer
The TAS5548 provides an 8×2 output mixer for channels 1, 2, 3, 4, 5, and 6. For channels 7 and 8, the TAS5548
provides an 8×3 output mixer. These mixers allow each output to be any mix of any two (or three) signal-
processed channels. The control parameters for the output crossbar mixer are programmable via the I2C
interface. All of the TAS5548 features are available when the 8×2 and 8×3 output mixers are configured in the
pass-through output mixer configuration, where the audio data from each DAP channel maps directly to the
corresponding PWM channel (that is, DAP channel 1 to PWM channel 1, and so on).
When mixing or remapping DAP channels to different PWM output channels there are limitations to consider:
•
Individual channel mute should not be used.
•
The sum of the minimum channel volume and master volume should not be below –109 dB.
Figure 39. Output Mixers
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com