Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 30Page - Texas Instruments TAS5548 Datasheet HTML 31Page - Texas Instruments TAS5548 Datasheet HTML 32Page - Texas Instruments TAS5548 Datasheet HTML 33Page - Texas Instruments TAS5548 Datasheet HTML 34Page - Texas Instruments TAS5548 Datasheet HTML 35Page - Texas Instruments TAS5548 Datasheet HTML 36Page - Texas Instruments TAS5548 Datasheet HTML 37Page - Texas Instruments TAS5548 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
GainCoefficient
32
SDIN1-L
28
60
GainCoefficient
32
28
60
SUM
GainCoefficient
32
28
60
M0011-01
SDIN1-R
SDIN4-R
Noise Floor With No
Additional Precision
Maximum Signal Amplitude
Ideal Input
Possible Outputs
Desired Output
Filter
Operation
Signal
Bits
Input
Overflow
Reduced
SNR
Signal
Output
Noise Floor as a Result
of Additional Precision
Signal
Bits
Output
Values Retained by
Overflow Bits
M0010-01
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
Figure 31. TAS5548 Digital Audio Processing
7.4.11 Input Crossbar Mixer
The TAS5548 has a full 10×8 input crossbar mixer. This mixer permits each signal-processing channel input to
be any mix of any of the eight input channels, as shown in Figure 32. The control parameters for the input
crossbar mixer are programmable via the I2C interface. See Input Mixer Registers, Channels 1–8 (0x41–0x48)
for more information.
Figure 32. Input Crossbar Mixer
7.4.12 Biquad Filters
For 32-kHz to 96-kHz data, the TAS5548 provides 56 biquads across the eight channels (seven per channel).
For 176.4-kHz and 192-kHz data, the TAS5548 has 22 biquads with channels 1 and 2 having 5 biquads each,
and channels 7 and 8 having 6 biquads each.
The direct form I structure provides a separate delay element and mixer (gain coefficient) for each node in the
biquad filter. Each mixer output is a signed 60-bit product of a signed 32-bit data sample (9.23 format number)
and a signed 28-bit coefficient (5.23 format number), as shown in Figure 33. The 60-bit ALU in the TAS5548
allows the 60-bit resolution to be retained when summing the mixer outputs (filter products). All of the biquad
filters are second-order direct form I structure.
The five 28-bit coefficients for the each of the 56 biquads are programmable via the I2C interface. See Table 7.
34
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com