Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 69 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 65Page - Texas Instruments TAS5548 Datasheet HTML 66Page - Texas Instruments TAS5548 Datasheet HTML 67Page - Texas Instruments TAS5548 Datasheet HTML 68Page - Texas Instruments TAS5548 Datasheet HTML 69Page - Texas Instruments TAS5548 Datasheet HTML 70Page - Texas Instruments TAS5548 Datasheet HTML 71Page - Texas Instruments TAS5548 Datasheet HTML 72Page - Texas Instruments TAS5548 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Table 35. PWM Registers Format
D6/D2
D5/D1
D4/D0
FUNCTION
0
0
0
Select channel 1
0
0
1
Select channel 2
0
1
0
Select channel 3
0
1
1
Select channel 4
1
0
0
Select channel 5
1
0
1
Select channel 6
1
1
0
Select channel 7
1
1
1
Select channel 8
7.6.2.19 BD Mode and Ternary - 8 Interchannel Channel Delay (0x38 to 0x3F)
Interchannel delay is used to distribute the switching current of each channel, to ease the peak power draw on
the PSU. It's also used to control the intermodulation between the channels, therefore improving THD in some
cases.
DCLK is the oversampling clock of the PWM.
DCLK on the TAS5548 will be constant, unless some AM avoidance modes are used.
Each channel can have its channel delay set between -128 to +124. (4 DCLK steps value (-32 to +31 over 5
bits))
Channels 0, 1, 2, 3, 4, 5, 6, 7 are mapped into (0x38, 0x39, 0x3A, 0x3B, 0x3C, 0x3D, 0x3E, 0x3F) with bits
D[7:2] used to program individual DCLK delay. Bit D[1:0] are reserved in each register.
Table 36. Interchannel Delay Register Format (0x38B to 0x3F)
D7
D6
D5
D4
D3
D2
FUNCTION
0
0
0
0
0
0
Minimum absolute delay, 0 DCLK cycles
0
1
1
1
1
1
Maximum positive delay, 31(×4) DCLK cycles
1
0
0
0
0
0
Maximum Negative delay, –32(×4) DCLK cycles
1
0
0
0
0
0
Default Value for channel 0 = -128 DCLK's (–32*4)
0
0
0
0
0
0
Default Value for channel 1 0
1
1
0
0
0
0
Default Value for channel 2 = -64DCLK's (–16*4)
0
1
0
0
0
0
Default Value for channel 3 = 64 DCLK's (16*4)
1
0
1
0
0
0
Default Value for channel 4 = -96 DCLK's (–24*4)
0
0
1
0
0
0
Default Value for channel 5 = 32 DCLK's (8*4)
1
1
1
0
0
0
Default Value for channel 6 = -32 DCLK's (–8*4)
0
1
1
0
0
0
Default Value for channel 7 = 96 DCLK's (24*4)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com