Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 38Page - Texas Instruments TAS5548 Datasheet HTML 39Page - Texas Instruments TAS5548 Datasheet HTML 40Page - Texas Instruments TAS5548 Datasheet HTML 41Page - Texas Instruments TAS5548 Datasheet HTML 42Page - Texas Instruments TAS5548 Datasheet HTML 43Page - Texas Instruments TAS5548 Datasheet HTML 44Page - Texas Instruments TAS5548 Datasheet HTML 45Page - Texas Instruments TAS5548 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
0.5 : 1 compression
k
1
0.5
1
1
1 : 2 expansion
k
2
1
1
→
→
=
–
=
=
–
=
k
1
n
1
=
–
k
1
n
1
=
–
O1
INPUT
–21 dB
24.0824 dB
6.0206
0.51197555
0.1000_0011_0001_1101_0100
0x0041886A in 9.23 format
O
INPUT
O
DESIRED
24.0824 dB
6.0206
=
+
T1
SUB_ADDRESS_ENTRY
64
6.0206
10.63
=
–
–
=
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.4.16.2.1
Threshold Parameter Computation
For thresholds,
TdB = –6.0206TINPUT= –6.0206TSUB_ADDRESS_ENTRY
If, for example, it is desired to set T1 = –64 dB, then the subaddress entry required to set T1 to –64 dB is:
T1 is entered as a 32-bit number in 9.23 format. Therefore:
T1 = 10.63 = 0 1010.1010 0001 0100 0111 1010 111
= 0x0550 A3D7 in 9.23 format
7.4.16.2.2
Offset Parameter Computation
The offsets set the boost or cut applied by the DRC-derived gain coefficient at the threshold point. An equivalent
statement is that offsets represent the departure of the actual transfer function from a 1 : 1 transfer at the
threshold point. Offsets are 9.23 Formatted, 32bit logarithmic numbers. They are computed by the following
equation:
Gains or boosts are represented as negative numbers; cuts or attenuations are represented as positive numbers.
For example, to achieve a boost of 21 dB at threshold T1, the I2C coefficient value entered for O1 must be:
7.4.16.2.3
Slope Parameter Computation
In developing the equations used to determine the subaddress of the input value required to realize a given
compression or expansion within a given region of the DRC, the following convention is adopted.
DRC transfer = Input increase : Output increase
If the DRC realizes an output increase of n dB for every dB increase in the rms value of the audio into the DRC,
a 1 : n expansion is being performed. If the DRC realizes a 1-dB increase in output level for every n-dB increase
in the rms value of the audio into the DRC, an n : 1 compression is being performed.
k = n – 1
For n : 1 compression, the slope k can be found by:
In both expansion (1 : n) and compression (n : 1), n is implied to be greater than 1. Thus, for expansion:
k = n – 1 means k > 0 for n > 1. Likewise, for compression,
means –1 < k < 0 for n > 1. Thus, it
appears that k must always lie in the range k > –1.
The DRC imposes no such restriction and k can be programmed to values as negative as –15.999. To determine
what results when such values of k are entered, it is first helpful to note that the compression and expansion
equations for k are actually the same equation. For example, a 1 : 2 expansion is also a 0.5 : 1 compression.
42
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com