Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5548 Datasheet HTML 1Page - Texas Instruments TAS5548 Datasheet HTML 2Page - Texas Instruments TAS5548 Datasheet HTML 3Page - Texas Instruments TAS5548 Datasheet HTML 4Page - Texas Instruments TAS5548 Datasheet HTML 5Page - Texas Instruments TAS5548 Datasheet HTML 6Page - Texas Instruments TAS5548 Datasheet HTML 7Page - Texas Instruments TAS5548 Datasheet HTML 8Page - Texas Instruments TAS5548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
Serial Audio
Receiver
2x Stereo
Serial Audio
Receiver
2x Stereo
Serial Audio
Transciever
Stereo
4ch ASRC
4ch ASRC
Fixed Flow
Digital Audio
Processor
(DAP)
10ch input
8ch Processor
8ch Output Mixer
Clocks
(Osc, PLL
etc)
12.288
8ch PWM
Generator
+ Headphone
(PWM)
Bypass
MCU
I2C
Control
Power
Supply
Volume
Control
(PSVC)
Energy
Manager
(EMO)
Power
SDOUT/SDIN5
SDIN1
SDIN2
SCLK
LRCLK
SDIN2-1
SDIN2-2
SCLKO /SCLKIN_2
LRCLKO / LRCKIN_2
AVDD_PWM
AVSS
AVSS_PWM
DVDD1
DVDD2
DVSS1
DVSS2
/PDN
PWM_HPM_L&R
PWM_HPP_L&R
/BKND_ERR
PWM_x_1
through 8
VALID
/MUTE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
1 Features
–
Adjustable Modulation Limit
1
•
General Features
2 Applications
–
8ch Asynchronous Sample Rate Converter
Interface Seamlessly with Most Digital Audio
–
8 Channel Audio Processing for 32-192 kHz
Decoders
(ARSC to 96kHz)
–
4 Channel Native Audio Processing at 192kHZ
3 Description
–
30 kHz Audio Bandwidth for DTS-HD
The TAS5548 is an 8-channel Digital Pulse Width
Compatibility
Modulator (PWM) with Digital Audio Processing and
Sample Rate Converter that provides both advanced
–
Energy Manager for Overall System Power
performance and a high level of system integration.
Control
TAS5548
is
designed
to
support
DTS-HD
–
Power Supply Volume Control
specification Blu-ray HTiB applications. The ASRC
•
Audio Input or Output
consists of two separate modules which handle 4
channels each. Therefore, it is possible to support up
–
Up to Five Synchronous Serial Audio Inputs
to two different input sampling rates.
(10 Channels)
Texas Instruments Power Stages are designed to
–
Up to One Synchronous Serial Audio Outputs
work seamlessly with the TAS5548. The TAS5548
(2 Channels)
also provides a high-performance, differential output
–
I2S Master Mode When Used With External
to
drive
an
external,
differential-input,
analog
Crystal
headphone amplifier.
–
Slave Mode 32-192KHz With Auto/Manual
The
TAS5548
supports
AD,
BD,
and
ternary
Sample Rate Detection
modulation operating at a 384-kHz switching rate for
–
Eight Differential PWM Output That can
48-, 96-, and 192-kHz data. The external crystal used
Support AD or BD Modulation
must be 12.288 MHz. The TAS5548 also features
power-supply-volume-control
(PSVC),
which
–
Two Differential PWM Headphone Outputs
improves dynamic range at lower power level and
–
I2S Out for External Wireless Sub
can be used as part of a Class G power supply when
–
PWM Output Supports Single Ended (S.E.) or
used with closed-loop PWM input power stages.
Bridge Tied Load (BTL)
Device Information(1)
•
Audio Processing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Volume Control Range 18 dB to –127 dB
TAS5548
HTSSOP (56)
14.00 mm x 6.10 mm
(Master and Eight Channel Volume)
(1) For all available packages, see the orderable addendum at
–
Bass and Treble Tone Controls With ±18-dB
the end of the datasheet.
Range, Selectable Corner Frequencies
–
Configurable Loudness Compensation
Block Diagram
–
Two Dynamic Range Compressors With Two
Thresholds, Two Offsets, and Three Slopes
–
Seven Biquads Per Channel
•
PWM Processing
–
>105-dB Dynamic Range
–
THD+N < 0.1% (0–40 kHz)
–
20-Hz–40-kHz, Flat Noise Floor for 32KHz -
192KHz
–
Flexible Automute Logic With Programmable
Threshold and Duration for Noise-Free
Operation
–
Power-Supply Volume Control (PSVC) in High-
Performance Applications
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI1-TAS5548 Datasheet
1Mb / 116P
8-Channel HD Compatible Audio Processor
TAS5548DCA TI-TAS5548DCA Datasheet
1Mb / 120P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548DCA TI-TAS5548DCA Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
TAS5548DCA TI1-TAS5548DCA Datasheet
1Mb / 116P
8-Channel HD Compatible Audio Processor
More results

Similar Description - TAS5548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
8 Channel Digital Audio PWM Processor
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
8-Channel Digital Audio PWM Processor
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558 Datasheet
1Mb / 122P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
8-Channel Digital Audio PWM Processor
TAS5548 TI-TAS5548_15 Datasheet
1Mb / 116P
TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558_15 Datasheet
1Mb / 121P
TAS5558 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI1-TAS5548 Datasheet
1Mb / 116P
8-Channel HD Compatible Audio Processor
TAS5558 TI1-TAS5558 Datasheet
1Mb / 121P
8-Channel HD Compatible Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com