Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 20Page - Texas Instruments TAS5548 Datasheet HTML 21Page - Texas Instruments TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments TAS5548 Datasheet HTML 26Page - Texas Instruments TAS5548 Datasheet HTML 27Page - Texas Instruments TAS5548 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
G003
Desired Gain − Linear
Digital Gain
Power-Supply Gain
0.00001
0.1
100
0.0001
0.01
10
100
1
0.001
0.1
1
10
0.0001
0.001
0.01
−60
−50
−40
−30
−20
−10
0
10
20
30
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
Desired Gain − dB
Digital Gain
Power-Supply Gain
G002
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.3.6.2.6
Power-Supply Volume Control (PSVC)
The TAS5548 supports volume control both by conventional digital gain/attenuation and by a combination of
digital and analog gain/attenuation. Varying the H-bridge power-supply voltage performs the analog volume
control function. The benefits of using power-supply volume control (PSVC) are reduced idle channel noise,
improved signal resolution at low volumes, increased dynamic range, and reduced radio frequency emissions at
reduced power levels. The PSVC is enabled via I2C. When enabled, the PSVC provides a PWM output that is
filtered to provide a reference voltage for the power supply. The power-supply adjustment range can be set for –-
12.04, –18.06, or –24.08 dB, to accommodate a range of variable power-supply designs.
Figure 18 and Figure 19 show how power-supply and digital gains can be used together.
The volume biquad (0xCF) can be used to implement a low-pass filter in the digital volume control to match the
PSVC volume transfer function. Note that if the PVSC function is not used, the volume biquad is all-pass
(default).
Figure 18. Power-Supply and Digital Gains (Linear Space)
Figure 19. Power-Supply and Digital Gains (Log Space)
24
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com