Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 83 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 79Page - Texas Instruments TAS5548 Datasheet HTML 80Page - Texas Instruments TAS5548 Datasheet HTML 81Page - Texas Instruments TAS5548 Datasheet HTML 82Page - Texas Instruments TAS5548 Datasheet HTML 83Page - Texas Instruments TAS5548 Datasheet HTML 84Page - Texas Instruments TAS5548 Datasheet HTML 85Page - Texas Instruments TAS5548 Datasheet HTML 86Page - Texas Instruments TAS5548 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6.2.34 PSVC Volume Biquad Register (0xCF)
Each gain coefficient is in 28-bit (5.23) format, so 0x80 0000 is a gain of 1. Each gain coefficient is written as a
32-bit word with the upper four bits not used. Note that this register should be used only with the PSVC feature
its use is not required. For systems not using this feature, it is recommended that this biquad be set to all-pass
(default).
Table 57. Volume Biquad Register Format (Default = All-Pass)
DEFAULT GAIN COEFFICIENT VALUES
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
bo coefficient
u[31:28], b0[27:24], b0[23:16], b0[15:8], b0[7:0]
1.0
0080 0000
b1 coefficient
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0.0
0000 0000
b2 coefficient
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0.0
0000 0000
a1 coefficient
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0.0
0000 0000
a2 coefficient
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0.0
0000 0000
7.6.2.35 Volume, Treble, and Bass Slew Rates Register (0xD0)
Volume Gain Update Rate (Slew Rate)
D31
D30
D29–D11
D10
D9
D8
FUNCTION
-
-
-
0
0
0
512 step update at 4 Fs, 21.3 ms at 96 kHz
-
-
-
0
0
1
1024 step update at 4 Fs, 42.65 ms at 96 kHz
-
-
-
0
1
0
2048 step update at 4 Fs, 85 ms at 96 kHz
-
-
-
0
1
1
2048 step update at 4 Fs, 85 ms at 96 kHz
-
-
-
1
0
0
256 step update at 4 Fs, 10.65 ms at 96kHz
Abort volume ramp if there is a change in the volume of any
1
0
0
-
-
-
channel
0
1
0
-
-
-
Enable PWM shutdown on headphone change
Table 58. Treble and Bass Gain Step Size (Slew Rate)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No operation
0
0
0
0
0
1
0
0
Minimum rate – Updates every 0.083 ms (every LRCLK at 48 kHz)
0
0
1
0
0
0
0
0
Updates every 0.67 ms (32 LRCLKs at 48 kHz)
0
0
1
1
1
1
1
1
Default rate - Updates every 1.31 ms (63 LRCLKs at 48 kHz). This is the
maximum constant time that can be set for all sample rates.
1
1
1
1
1
1
1
1
Maximum rate – Updates every 5.08 ms (every 255 LRCLKs at 48 kHz)
Note: Once the volume command is given, no I2C commands should be issued until volume ramp has finished.
The lock out time is 1.5 × slew rate or defined in 0xD0
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com