Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 76 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 72Page - Texas Instruments TAS5548 Datasheet HTML 73Page - Texas Instruments TAS5548 Datasheet HTML 74Page - Texas Instruments TAS5548 Datasheet HTML 75Page - Texas Instruments TAS5548 Datasheet HTML 76Page - Texas Instruments TAS5548 Datasheet HTML 77Page - Texas Instruments TAS5548 Datasheet HTML 78Page - Texas Instruments TAS5548 Datasheet HTML 79Page - Texas Instruments TAS5548 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.6.2.28 DRC2 Data Registers (0x9D–0xA1)
DRC2 applies to channel 8.
Table 46. DRC2 Data Register Format
I2C
TOTAL
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
DATA DECIMAL
SUBADDRES
BYTES
S
Channel 8 DRC2 energy
u[31:28], E[27:24], E[23:16], E[15:8], E[7:0]
0000 883F
mS
0x9D
8
Channel 8 DRC2 (1 –
u[31:28], 1–E[27:24], 1–E[23:16], 1–E[15:8], 1–E[7:0] 007F 77C0
energy)
Channel 8 DRC2
T1[31:24], T1[23:16], T1[15:8], T1[7:0]
0B20 E2B2
dB
threshold lower 32 bits
(T1)
0x9E
8
Channel 8 DRC2
T2[31:24], T2[23:16], T2[15:8], T2[7:0]
06F9 DE58
dB
threshold lower 32 bits
(T2)
Channel 8 DRC2 slope
u[31:28], k0[27:24], k0[23:16], k0[15:8], k0[7:0]
0040 0000
ratio
(k0)
Channel 8 DRC2 slope
u[31:28], k1[27:24], k1[23:16], k1[15:8], k1[7:0]
0FC0 0000
ratio
0x9F
12
(k1)
Channel 8 DRC2 slope
u[31:28], k2[27:24], k2[23:16], k2[15:8], k2[7:0]
0F90 0000
ratio
(k2)
Channel 8 DRC2 offset 1
O1[31:24], O1[23:16], O1[15:8], O1[7:0]
FF82 3098
dB
lower 32 bits (O1)
0xA0
8
Channel 8 DRC2 offset 2
O2[31:24], O2[23:16], O2[15:8], O2[7:0]
0195 B2C0
dB
lower 32 bits (O2)
Channel 8 DRC2 attack
u[31:28], A[27:24], A[23:16], A[15:8], A[7:0]
0000 883F
mS
Channel 8 DRC2 (1 –
u[31:28], 1–A[27:24], 1–A[23:16], 1–A[15:8], 1–A[7:0] 007F 77C0
attack)
0xA1
16
Channel 8 DRC2 decay
u[31:28], D[27:24], D[23:16], D[15:8], D[7:0]
0000 0056
mS
Channel 8 DRC2 (1 –
u[31:28], 1–D[27:24], 1–D[23:16], 1–D[15:8],
003F FFA8
decay)
1–D[7:0]
7.6.2.29 DRC Bypass Registers (0xA2–0xA9)
DRC bypass/inline for channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0xA2, 0xA3, 0xA4, 0xA5,
0xA6, 0xA7, 0xA8, and 0xA9, respectively. Eight bytes are written for each channel. Each gain coefficient is in
28-bit (5.23) format, so 0x0080 0000 is a gain of 1. Each gain coefficient is written as a 32-bit word with the
upper 4 bits not used.
To enable DRC for a given channel (with unity gain), bypass = 0x0000 0000 and inline = 0x0080 0000.
To disable DRC for a given channel, bypass = 0x0080 0000 and inline = 0x0000 0000.
Table 47. DRC Bypass Register Format
TOTAL
REGISTER NAME
CONTENTS
DEFAULT VALUE
BYTES
Channel bass DRC bypass
u[31:28], bypass[27:24], bypass[23:16], bypass[15:8], bypass[7:0]
0x00, 0x80, 0x00, 0x00
8
Channel DRC inline
u[31:28], inline[27:24], inline[23:16], inline[15:8], inline[7:0]
0x00, 0x00, 0x00, 0x00
7.6.2.30 Output Select and Mix Registers 8x2 (0x–0xAF)
The pass-through output mixer setting is:
•
DAP channel 1 is mapped though the 8×2 crossbar mixer (0xAA) to PWM channel 1
•
DAP channel 2 is mapped though the 8×2 crossbar mixer (0xAB) to PWM channel 2
•
DAP channel 3 is mapped though the 8×2 crossbar mixer (0xAC) to PWM channel 3
•
DAP channel 4 is mapped though the 8×2 crossbar mixer (0xAD) to PWM channel 4
•
DAP channel 5 is mapped though the 8×2 crossbar mixer (0xAE) to PWM channel 5
•
DAP channel 6 is mapped though the 8×2 crossbar mixer (0xAF) to PWM channel 6
76
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com