| Electronic Components Datasheet Search |
|
TAS5548 Datasheet(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5548 Datasheet(HTML) 62 Page - Texas Instruments |
|
62 / 118 page ![]() TAS5548 SLES270A – NOVEMBER 2012 – REVISED APRIL 2015 www.ti.com 7.6.2.8 Soft Mute Register (0x0F) Do not use this register if using the remapped output mixer configuration. Table 22. Soft Mute Register Format D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION – – – – – – – 1 Soft mute channel 1 – – – – – – 1 – Soft mute channel 2 – – – – – 1 – – Soft mute channel 3 – – – – 1 – – – Soft mute channel 4 – – – 1 – – – – Soft mute channel 5 – – 1 – – – – – Soft mute channel 6 – 1 – – – – – – Soft mute channel 7 1 – – – – – – – Soft mute channel 8 0 0 0 0 0 0 0 0 Unmute all channels 7.6.2.9 Energy Manager Status Register (0x10) These bits are sticky and will be cleared only when a '0' is written into these bits through I2C interface. Table 23. Energy Manager Register Format D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION – – – – – – – 0 Energy above the low threshold for satellite channels – – – – – – – 1 Energy below the low threshold for satellite channels – – – – – – 0 – Energy below the high threshold for satellite channels – – – – – – 1 – Energy above the high threshold for satellite channels – – – – – 0 – – Energy above the low threshold for sub-woofer channels – – – – – 1 – – Energy below the low threshold for sub-woofer channels – – – – 0 – – – Energy below the high threshold for sub-woofer channels – – – – 1 – – – Energy above the high threshold for sub-woofer channels 62 Submit Documentation Feedback Copyright © 2012–2015, Texas Instruments Incorporated Product Folder Links: TAS5548 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |