Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 68 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 64Page - Texas Instruments TAS5548 Datasheet HTML 65Page - Texas Instruments TAS5548 Datasheet HTML 66Page - Texas Instruments TAS5548 Datasheet HTML 67Page - Texas Instruments TAS5548 Datasheet HTML 68Page - Texas Instruments TAS5548 Datasheet HTML 69Page - Texas Instruments TAS5548 Datasheet HTML 70Page - Texas Instruments TAS5548 Datasheet HTML 71Page - Texas Instruments TAS5548 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
Table 31. Individual Channel Shutdown Register (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
0
–
–
–
–
–
Bring Channel 6 out of shutdown
–
–
–
1
–
–
–
–
Keep channel 5 in shutdown
–
–
–
0
–
–
–
–
Bring Channel 5 out of shutdown
–
–
–
–
1
–
–
–
Keep channel 4 in shutdown
–
–
–
–
0
–
–
–
Bring Channel 4 out of shutdown
–
–
–
–
–
1
–
–
Keep channel 3 in shutdown
–
–
–
–
–
0
–
–
Bring Channel 3 out of shutdown
–
–
–
–
–
–
1
–
Keep channel 2 in shutdown
–
–
–
–
–
–
0
–
Bring Channel 2 out of shutdown
–
–
–
–
–
–
–
1
Keep channel 1 in shutdown
–
–
–
–
–
–
–
0
Bring Channel 1 out of shutdown
Individual channel shutdown register should be written prior to bringing system out of shutdown using reg 0x03
(Exit Shutdown).
7.6.2.17 Input Mux Registers (0x30, 0x31, 0x32, 0x33)
Table 32. Input Mux Registers Format
Register Address
Default Value
D7
D6
D5
D4
D3
D2
D1
D0
x30
00000001
BD (1)/AD
Input Mux select for channel 1
BD (1)/AD
Input Mux select for channel 2
(0)
(0)
mode ch 1
mode ch 2
x31
00100011
BD (1)/AD
Input Mux select for channel 3
BD (1)/AD
Input Mux select for channel 4
(0)
(0)
mode ch 3
mode ch 4
x32
01000101
BD (1)/AD
Input Mux select for channel 5
BD (1)/AD
Input Mux select for channel 6
(0)
(0)
mode ch 5
mode ch 6
x33
01100111
BD (1)/AD
Input Mux select for channel 7
BD (1)/AD
Input Mux select for channel 8
(0)
(0)
mode ch 7
mode ch 8
Table 33. Input Mux Registers Format
D6/D2
D5/D1
D4/D0
FUNCTION
0
0
0
Select channel 1
0
0
1
Select channel 2
0
1
0
Select channel 3
0
1
1
Select channel 4
1
0
0
Select channel 5
1
0
1
Select channel 6
1
1
0
Select channel 7
1
1
1
Select channel 8
7.6.2.18 PWM Mux Registers (0x34, 0x35, 0x36, 0x37)
Table 34. PWM Mux Registers Format
Register Address
Default Value
D7
D6
D5
D4
D3
D2
D1
D0
x34
00000001
unused
PWM Mux select for channel 1
unused
PWM Mux select for channel 2
x35
00100011
unused
PWM Mux select for channel 3
unused
PWM Mux select for channel 4
x36
01000101
unused
PWM Mux select for channel 5
unused
PWM Mux select for channel 6
x37
01100111
unused
PWM Mux select for channel 7
unused
PWM Mux select for channel 8
68
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com