Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 94 Page - Texas Instruments

Part # TAS5548
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 90Page - Texas Instruments TAS5548 Datasheet HTML 91Page - Texas Instruments TAS5548 Datasheet HTML 92Page - Texas Instruments TAS5548 Datasheet HTML 93Page - Texas Instruments TAS5548 Datasheet HTML 94Page - Texas Instruments TAS5548 Datasheet HTML 95Page - Texas Instruments TAS5548 Datasheet HTML 96Page - Texas Instruments TAS5548 Datasheet HTML 97Page - Texas Instruments TAS5548 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 118 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
7.6.2.48 192kHz Dolby Downmix Coefficients (0xFB and 0xFC)
Each gain coefficient is in 28-bit (5.23) format, so 0x80 0000 is a gain of 1. Each gain coefficient is written as a
32-bit word with the upper four bits not used. For eight gain coefficients, the total is 32 bytes.
Table 82. 192kHz Dolby Downmix Coefficients
I2C
REGISTER
DEFAULT
TOTAL
DESCRIPTION OF CONTENTS
BYTES
SUBADDRESS
Fields
STATE
0xFB
16
dolby_COEF1L
192kHz SDIN1-left to SDOUT-left down-mix coefficient (default =
0029 0333
(D1_L)
1/3.121)
dolby_COEF2L
192kHz SDIN1-right to SDOUT-left down-mix coefficient (default =
001C FEEF
(D2_L)
0.707/3.121)
dolby_COEF3L
192kHz SDIN3-left to SDOUT-left down-mix coefficient (default = -
FFE3 0111
(D3_L)
0.707/3.121)
dolby_COEF4L
192kHz SDIN3-right to SDOUT-left down-mix coefficient (default = -
FFE3 0111
(D4_L)
0.707/3.121)
0xFC
16
dolby_COEF1R
192kHz SDIN1-left to SDOUT-right down-mix coefficient (default =
0029 0333
(D1_R)
1/3.121)
dolby_COEF2R
192kHz SDIN1-right to SDOUT-right down-mix coefficient (default =
001C FEEF
(D2_R)
0.707/3.121)
dolby_COEF3R
192kHz SDIN3-left to SDOUT-right down-mix coefficient (default =
001C FEEF
(D3_R)
0.707/3.121)
dolby_COEF4R
192kHz SDIN3-right to SDOUT-right down-mix coefficient (default =
001C FEEF
(D4_R)
0.707/3.121)
spacer
94
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com